Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JL02-6B-36-B10PC-F0-R Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # JL02-6B-36-B10PC-F0-R
Description  Rugged, General Purpose, Panel-to-Cable, Crimp Type Circular Connector, Plug, 54 pos., Pin (Sold separately)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

JL02-6B-36-B10PC-F0-R Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  JL02-6B-36-B10PC-F0-R Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. JL02-6B-36-B10PC-F0-R Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
JL02-6B-36-B10PC-F0-R
Features
Rugged, General Purpose, Panel-to-Cable, Crimp Type Circular Connector, Plug, 54 pos., Pin (Sold separately)
Part Number
JL02-6B-36-B10PC-F0-R
Status
Active
Number of Positions
54 pos.
Waterproof/ Non-waterproof
Non-waterproof
Contact Arrangement Code
36-B10
Connector Type
Plug
Connector Style
Straight
Contact Type
Pin (Sold separately)
Wire Termination Method
Crimp
Coupling Style
Threaded
Contact Size
#16
Shell Size
36
Contact Arrangement Code
36-B10
Contact Size X No. of Contacts
#16*54
RoHS compliant
10 substances (2011/65/EU, (EU)2015/863)
REACH compliant
Combination
JL02-2A-36-B10SC-F0-R
Product Details


Similar Part No. - JL02-6B-36-B10PC-F0-R

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
JL02-6B-36-B10SC-F0-R JAE-JL02-6B-36-B10SC-F0-R Datasheet
54Kb / 2P
Rugged, General Purpose, Panel-to-Cable, Crimp Type Circular Connector, Plug, 54 pos., Socket (Sold separately)
More results

Similar Description - JL02-6B-36-B10PC-F0-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-1393104-4 MACOM-2-1393104-4 Datasheet
346Kb / 3P
General Purpose Panel/Plug-in Relays
2-1393104-5 MACOM-2-1393104-5 Datasheet
346Kb / 3P
General Purpose Panel/Plug-in Relays
2-1393104-7 MACOM-2-1393104-7 Datasheet
346Kb / 3P
General Purpose Panel/Plug-in Relays
2-1393104-8 MACOM-2-1393104-8 Datasheet
346Kb / 3P
General Purpose Panel/Plug-in Relays
2-1393104-9 MACOM-2-1393104-9 Datasheet
346Kb / 3P
General Purpose Panel/Plug-in Relays
logo
Amphenol Corporation
P-MUSBR-AHD2-XX1XX AMPHENOL-P-MUSBR-AHD2-XX1XX Datasheet
250Kb / 3P
TO ORDER CABLE TIES SEPARATELY
logo
PHOENIX CONTACT
2304908 PHOENIX-2304908 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2304911 PHOENIX-2304911 Datasheet
76Kb / 3P
Assembled circular cable, with two 20-pos.
2304924 PHOENIX-2304924 Datasheet
75Kb / 3P
Assembled circular cable, with two 20-pos.
2305237 PHOENIX-2305237 Datasheet
76Kb / 3P
Assembled circular cable, with one 20-pos. and two 14-pos.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com