Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMASMAFF01 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # SMASMAFF01
Description  Coaxial connector, Adapter, Straight, SMA(Jack)-SMA(Jack)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMASMAFF01 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  SMASMAFF01 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMASMAFF01 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMASMAFF01
Features
Coaxial connector, Adapter, Straight, SMA(Jack)-SMA(Jack)
Part Number
SMASMAFF01
Status
Active(NRND)
Number of Positions
1 pos.  
Connector Type
Adapter (Same type)
Connector Style
Straight
Combination of Plug and Jack
Jack/ Jack
Mounting Method
Free hanging
Standard Type Callout
SMA-SMA
Mating Part Configuration
SMA(Jack)-SMA(Jack)
RoHS compliant
REACH compliant
Remarks
  
Notice
Product Details
The values specified in this web site are only for reference. The products and their specifications
are subject to change without notice. Contact our sales staff for further information before
1.


Similar Part No. - SMASMAFF01

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
SMASMAFM01 JAE-SMASMAFM01 Datasheet
51Kb / 2P
Coaxial connector, Adapter, Straight, SMA(Jack)-SMA(Plug)
SMASMAFM02 JAE-SMASMAFM02 Datasheet
52Kb / 2P
Coaxial connector, Adapter, Right angle, SMA(Jack)-SMA(Plug)
More results

Similar Description - SMASMAFF01

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
31_MMBX-SMA-50-1111_N HUBERSUHNER-31_MMBX-SMA-50-1111_N Datasheet
506Kb / 2P
COAXIAL ADAPTER, MMBX - SMA, 50 Ohm, jack / jack (female / female)
31_N-SMA-50-11--_U HUBERSUHNER-31_N-SMA-50-11--_U Datasheet
507Kb / 2P
COAXIAL ADAPTER, N - SMA, 50 Ohm, jack / jack (female / female)
31_SMA-50-0-100111_N HUBERSUHNER-31_SMA-50-0-100111_N Datasheet
545Kb / 2P
COAXIAL ADAPTER, SMA-26.5GHz, 50 Ohm, jack / jack (female / female)
31_SMA-50-0-1111_N HUBERSUHNER-31_SMA-50-0-1111_N Datasheet
480Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, jack / jack (female / female)
31_SMA-50-0-51199_N HUBERSUHNER-31_SMA-50-0-51199_N Datasheet
494Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, jack / jack (female / female)
31_SMA-SMB-50-1111_U HUBERSUHNER-31_SMA-SMB-50-1111_U Datasheet
482Kb / 2P
COAXIAL ADAPTER, SMA - SMB, 50 Ohm, jack / jack (female / female)
34_SMA-50-0-1111_N HUBERSUHNER-34_SMA-50-0-1111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
34_SMA-50-0-1111_Q HUBERSUHNER-34_SMA-50-0-1111_Q Datasheet
1Mb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
34_SMA-50-0-3111_N HUBERSUHNER-34_SMA-50-0-3111_N Datasheet
1Mb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
34_SMA-50-0-51199_N HUBERSUHNER-34_SMA-50-0-51199_N Datasheet
473Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com