Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR5 Datasheet(PDF) 2 Page - TT Electronics.

Part # BPR5
Description  3W to 50W Planar Shock / Vibration Proof High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR5 Datasheet(HTML) 2 Page - TT Electronics.

  BPR5 Datasheet HTML 1Page - TT Electronics. BPR5 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3W to 50W Planar Shock / Vibration Proof
High Power Resistors
BPR Series
Derating Curve
Ordering Information
BPR 10 500 F
Model
Power Rating
3 : 3W,
5 : 5W
7 : 7W
10 : 10W
20 : 20W
30 : 30W
40 : 40W
50 : 50W
Resistance Code Tolerance
50 Ω : 500 First two digits significant, last digit: number of trailing
zeros
Tolerance
J = 5% Tol
G = 2% Tol
F = 1% Tol
% Power Rating
100
80
60
ㅤㅤㅤㅤㅤ
40
20
70°C
+155°C
0
Make Possible
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
Ambient Temperature (°C)
OBSOLETE
(BPR20, BPR40 & BPR50 ONLY)
XXXX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com