Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPR7 Datasheet(PDF) 1 Page - TT Electronics.

Part # BPR7
Description  3W to 50W Planar Shock / Vibration Proof High Power Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

BPR7 Datasheet(HTML) 1 Page - TT Electronics.

  BPR7 Datasheet HTML 1Page - TT Electronics. BPR7 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3W to 50W Planar Shock / Vibration
Proof High Power Resistors
BPR Series
Non-Inductive planar package
High power density.
Thin package for high density PCB installation.
Power dissipated above the board.
RoHS compliant.
Superior vibration durability
Applications
Ideal for extreme mechanically stressed environments.
Power supply pre-load resistors.
UPS systems
Snubber and pulse handling circuits.
Pulse generator load resistors.
In-rush current protection
Bleeder Resistors
Model BPR 3 BPR 5 BPR 7 BPR 10 BPR 20 BPR 30 BPR 40
BPR 50
Dim A
0.50
12.70
0.50
12.70
1.00
25.40
1.00
25.40
2.00
50.80
2.10
53.34
2.10
53.34
2.10
53.34
Dim B
0.60
15.24
1.00
25.40
0.75
19.05
1.00
25.40
1.00
25.40
1.40
35.56
1.90
48.26
2.20
55.88
Dim C
0.67
17.02
1.07
27.18
0.82
20.82
1.07
27.18
1.07
27.18
1.47
37.34
1.97
50.04
2.27
57.66
Dim D
0.30
7.62
0.30
7.62
0.80
20.32
0.80
20.32
1.80
45.72
1.90
48.26
1.90
48.26
1.90
48.26
Lead: Tin Plated Copper Alloy
Substrate: 96% Alumina
Resistor: Thick Film
Specification, Dimensions and Materials
Items
Specification
Conditions
Power Rating
3W, 5W, 7W, 10W, 20W, 30W, 40W & 50W,
@ ambient temp < 70°C
Operating Voltage Max
300Vac, 500VDC
Resistance Range
0.1Ω to 200 KΩ
Extended resistance range available.
TCR
100 ppm/°C
For -55 to +155°C and above 1Ω
Tolerance
+/-5%, optional 1%, 2%
OperatiingTemp. Range
-55 - +155 °C
Dielectric Withstand Voltage
5KV minimum
Mechanical Shock
ΔR +/- 0.25 %
100G.
Load Life
ΔR +/- 2.0 %
70°C, 90 min. ON, 30 min.OFF, 1000 hours.
Humidity
ΔR +/- 0.5 %
85°C, 85% RH, DC 0.1W, 1000 hours.
Temperature Cycle
ΔR +/- 0.5%
-55°C, 30 min.,+155°C 30min., 5cycles.
Solder Heat (Max)
ΔR +/- 0.25 %
250+/-5°C, 10 seconds,
Solderability
Min 95% coverage
230+/-5°C, 5 seconds.
Insulation Resistance
Over 1000 MΩ
Between terminals and metal back plate.
Vibration
ΔR +/- 0.25 %
20G, 10Hz to 2 KHz.
Notes:
1. Contact factory for custom products, non-standard values and tolerances.
Specifications subject to change without notice
Dim. A ±.005
±
0.13
Dim. B ±.005
±
0.13
Dim. D ±.015
±
0.38
Dim. C ±.020
±
0.51
.020±.005
0.51±0.13
.040±.005
1.02±0.13
.040±.005
1.02±0.13
.200±.002
5.08±0.05
.200±.020
5.08±0.51
BPR
Make Possible
Resistors
All parts are Pb-free and comply with EU Directive 2011/65/EU (RoHS2)
01.16
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
OBSOLETE
(BPR20, BPR40 & BPR50 ONLY)
XXXX


Similar Part No. - BPR7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
BPR7 TTELEC-BPR7 Datasheet
596Kb / 2P
3W to 50W Planar Shock
logo
Bi technologies
BPR7500F BITECH-BPR7500F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR7500G BITECH-BPR7500G Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR7500J BITECH-BPR7500J Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
BPR750F BITECH-BPR750F Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
More results

Similar Description - BPR7

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BPC BITECH-BPC Datasheet
1Mb / 2P
3W to 10W PLANAR HIGH POWER RESISTORS
BPR BITECH-BPR Datasheet
1Mb / 2P
3W to 50W PLANAR SHOCK / VIBRATION PROOF HIGH POWER RESISTORS
MHP50 BITECH-MHP50 Datasheet
1Mb / 2P
50W TO-220 HIGH POWER RESISTORS
logo
EUROQUARTZ limited
CX1HGSM EUROQUARTZ-CX1HGSM Datasheet
134Kb / 2P
High shock and vibration resistance
logo
Marl International Limi...
258-501-64-3812 MARL-258-501-64-3812_15 Datasheet
204Kb / 4P
Durable to shock and vibration
255-501-64-38 MARL-255-501-64-38_14 Datasheet
277Kb / 5P
Durable to shock and vibration
logo
TT Electronics.
BPC TTELEC-BPC_17 Datasheet
283Kb / 2P
3W to 10W Planar High Power Resistors
BPR TTELEC-BPR_17 Datasheet
596Kb / 2P
3W to 50W Planar Shock
logo
Golledge Electronics Lt...
CC2A-T1A GOLLEDGE-CC2A-T1A Datasheet
555Kb / 5P
High shock & vibration resistance
CC1V-T1A GOLLEDGE-CC1V-T1A Datasheet
556Kb / 5P
High shock & vibration resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com