Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVL Datasheet(PDF) 1 Page - TT Electronics.

Part # HVL
Description  High Voltage Low Inductance Thick film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

HVL Datasheet(HTML) 1 Page - TT Electronics.

  HVL Datasheet HTML 1Page - TT Electronics. HVL Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Voltage Low Inductance
Thick film Resistors
HVL Series
• Working voltage up to 48kV
• Low inductance
• Resistance up to 4G
• Low temperature coefficient of resistance
• Low voltage coefficient
• Sets of resistors with matched characteristics
HVL 43
HVL 44
HVL 45
Notes
Power rating at 70°C
watts
1.5
3.5
5.0
Resistance range
ohms
1K to 1G
1K to 2G
1K to 4G
Limiting element voltage
volts
4K
14K
24K
In air
8K
28K
48K
In oil
TCR (20°C to 70°C)
ppm/°C
25, 50, 100
Values >1G: TCR is 250ppm/°C
Resistance tolerance
%
1, 2, 5
Closer tolerances over restricted range
Values
E24 preferred values
Any value to special order
Thermal impedance
°C/watt
31
27
20
Ambient temperature range
-55 to 155
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Issue B · 03.02
A subsidiary of
TT electronics plc
Welwyn Components
197
Construction
A ruthenium oxide based resistive film is fired onto a high
quality ceramic former. Cap and lead assemblies are force
fitted to the former. The resistor is adjusted to value and the
body is protected with a silicone coating.
Terminations
Material
Solder coated copper wire.
Strength
The terminations meet the requirements of
IEC 68.2.21.
Solderability
The terminations meet the requirements of
IEC 115-1, Clause 4.17.3.2.
Marking
Type reference, resistance value, tolerance and date code are
legend marked. The resistance value conforms to IEC 62.
Solvent Resistance
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Dimensions (mm) and Weight (g)
PCB
Min.
mounting
bend
Wt.
Type
L max.
D max.
f min.
d nom.
centres
radius
nom.
HVL 43
25.4
8.0
30
0.8
31.8
1.2
3.1
HVL 44
50.8
8.0
30
0.8
57.2
1.2
5.6
HVL 45
84.2
8.0
30
0.8
87.2
1.2
5.6
Physical Data
L
D
f
d
OBSOLETE


Similar Part No. - HVL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
HVL WELWYN-HVL Datasheet
107Kb / 2P
High Voltage Low Inductance Thick film Resistors
logo
Taiyo Yuden (U.S.A.), I...
HVL-25V102MIE-R5 TAIYO-YUDEN-HVL-25V102MIE-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
HVL-25V102MIEN-R5 TAIYO-YUDEN-HVL-25V102MIEN-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Body & Chassis and Infotainment
2023.05.15
HVL-25V102MIEQ-R5 TAIYO-YUDEN-HVL-25V102MIEQ-R5 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL] For Automotive Powertrain and Safety
HVL-25V221MG10-R2 TAIYO-YUDEN-HVL-25V221MG10-R2 Datasheet
372Kb / 2P
Conductive Polymer Hybrid Aluminum Electrolytic Capacitors [HVL]
More results

Similar Description - HVL

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
F43D WELWYN-F43D Datasheet
96Kb / 2P
High Voltage Thick Film Resistors
HV31 WELWYN-HV31 Datasheet
114Kb / 2P
High Voltage Thick film Resistors
HVL WELWYN-HVL Datasheet
107Kb / 2P
High Voltage Low Inductance Thick film Resistors
VRW25 WELWYN-VRW25 Datasheet
79Kb / 3P
High Voltage Thick Film Resistors
logo
Riedon Powertron
HTE15 RIEDON-HTE15 Datasheet
259Kb / 2P
High Voltage / Thick Film Resistors
HTE15 RIEDON-HTE15_13 Datasheet
224Kb / 2P
High Voltage / Thick Film Resistors
HVR25 RIEDON-HVR25_13 Datasheet
170Kb / 2P
High Voltage / Thick Film Leaded Resistors
logo
List of Unclassifed Man...
HVP03 ETC-HVP03 Datasheet
428Kb / 1P
HIGH VOLTAGE THICK FILM PLANAR RESISTORS
logo
Riedon Powertron
HTE RIEDON-HTE Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
HTE39-100MJ RIEDON-HTE39-100MJ Datasheet
141Kb / 2P
High Voltage / Thick Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com