Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBT-R1 Datasheet(PDF) 10 Page - Texas Instruments

Part # BQ30Z554DBT-R1
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554DBT-R1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button BQ30Z554DBT-R1 Datasheet HTML 6Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 7Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 8Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 9Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 10Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 11Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 12Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 13Page - Texas Instruments BQ30Z554DBT-R1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
ELECTRICAL CHARACTERISTICS: 3.3-V Regulator (continued)
Typical values stated where TA = 25 °C and VCC = 14.4 V, Min/Max values stated where TA = –40 °C to 85 °C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Regulator output change with
VCC or BAT = 14.4 V,
V(VDDTEMP)
0.2
%
temperature
IREG33 = 2 mA
VCC or BAT = 14.4 V,
ΔV(VDDLINE)
Line regulation
1
13
mV
IREG33 = 2 mA
VCC or BAT = 14.4 V,
ΔV(VDDLOAD)
Load regulation
5
18
mV
IREG33 = 2 mA
VCC or BAT = 14.4 V,
70
mA
REG33 = 3 V
I(REG33MAX)
Current limit
VCC or BAT = 14.4 V,
33
REG33 = 0 V
ELECTRICAL CHARACTERISTICS: 2.5-V Regulator
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VREG25
Regulator output voltage
2.35
2.5
2.55
V
IREG25 = 10 mA
IREG25
Regulator Output Current
3
mA
Regulator output change with
VCC or BAT = 14.4 V,
ΔV(VDDTEMP)
0.25
%
temperature
IREG25 = 2 mA
VCC or BAT = 14.4 V,
ΔV(VDDLINE)
Line regulation
1
4
mV
IREG25 = 2 mA
VCC or BAT = 14.4 V,
ΔV(VDDLOAD) Load regulation
20
40
mV
IREG25 = 2 mA
VCC or BAT = 14.4 V,
65
mA
REG25 = 2.3 V
I(REG33MAX)
Current limit
VCC or BAT = 14.4 V,
23
REG25 = 0 V
ELECTRICAL CHARACTERISTICS: PRES, SMBD, SMBC, GPIO
Typical values stated where TA = 25°C and VCC = 14.4 V, Min/Max values stated where TA = –40°C to 85°C and VCC =
3.8 V to 25 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level input
PRES, SMBD, SMBC, GPIO
2.0
V
PRES, SMBD, SMBC, GPIO
VIL
Low-level input
0.8
V
IL = –0.5 mA
VOL
Low-level output voltage
SMBD, SMBC, GPIO, IL = 7 mA
0.4
V
CIN
Input capacitance
PRES, SMBD, SMBC, GPIO
5
pF
ILKG
Input leakage current
PRES, SMBD, SMBC, GPIO
1
μA
IWPU
Weak Pull Up Current
PRES, GPIO, VOH = VREG25 – 0.5 V
60
120
μA
RPD(SMBx)
SMBC, SMBD Pull-Down
TA = –40 ˚C to 100 ˚C
550
775
1000
k
Ω
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com