Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ30Z554DBTR-R1.A Datasheet(PDF) 18 Page - Texas Instruments

Part # BQ30Z554DBTR-R1.A
Description  2-Series, 3-Series, and 4-Series Li-Ion Battery Pack Manager
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

BQ30Z554DBTR-R1.A Datasheet(HTML) 18 Page - Texas Instruments

Back Button BQ30Z554DBTR-R1.A Datasheet HTML 14Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 15Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 16Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 17Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 18Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 19Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 20Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 21Page - Texas Instruments BQ30Z554DBTR-R1.A Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
bq30z554-R1
SLUSBD4 – OCTOBER 2013
www.ti.com
FEATURE SET
Protections Safety Features
The bq30z554-R1 supports a wide range of battery and system protection features that can easily be configured.
The Protections safety features include:
•
Cell Undervoltage Protection
•
Cell Undervoltage I*R Compensated Protection
•
Cell Overvoltage Protection
•
Overcurrent in Charge Protection 1 and 2
•
Overcurrent in Discharge Protection 1 and 2
•
Overload in Discharge Protection
•
Short Circuit in Charge Protection
•
Short Circuit in Discharge Protection 1 and 2
•
Overtemperature in Charge Protection
•
Overtemperature in Discharge Protection
•
Overtemperature FET protection
•
SBS Host Watchdog Protection
•
Precharge Timeout Protection
•
Fast Charge Timeout Protection
•
Overcharge Protection
•
Overcharging Current Protection
•
Overcharging Voltage Protection
Permanent Fail Safety Features
The FUSE pin can be used to blow an in-line fuse to permanently disable the battery pack from charging or
discharging. Upon a Permanent Fail event trigger, critical system information is written to non-volatile memory to
simplify failure analysis. In addition, the black box stores the sequence of safety events also into non-volatile
memory to simplify failure analysis. The Permanent Fail safety features include:
•
Cell Undervoltage Protection
•
Cell Overvoltage Protection
•
Copper Deposition
•
Overtemperature Cell
•
Overtemperature FET
•
QMAX Imbalance
•
Cell Balancing
•
Capacity Degradation
•
Impedance
•
Voltage Imbalance at Rest
•
Voltage Imbalance Active
•
Charge FET and Discharge FET
•
Thermistor
•
Chemical FUSE
•
AFE Register
•
AFE Communication
•
2nd-Level Protection
•
PTC
•
Instruction Flash
•
Open Cell Tab Connection
•
Data Flash
18
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :bq30z554-R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com