Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1000-RTR1 Datasheet(PDF) 41 Page - Texas Instruments

Part # CC1000-RTR1
Description  Single Chip Very Low Power RF Transceiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1000-RTR1 Datasheet(HTML) 41 Page - Texas Instruments

Back Button CC1000-RTR1 Datasheet HTML 37Page - Texas Instruments CC1000-RTR1 Datasheet HTML 38Page - Texas Instruments CC1000-RTR1 Datasheet HTML 39Page - Texas Instruments CC1000-RTR1 Datasheet HTML 40Page - Texas Instruments CC1000-RTR1 Datasheet HTML 41Page - Texas Instruments CC1000-RTR1 Datasheet HTML 42Page - Texas Instruments CC1000-RTR1 Datasheet HTML 43Page - Texas Instruments CC1000-RTR1 Datasheet HTML 44Page - Texas Instruments CC1000-RTR1 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 59 page
background image
CC1000
SWRS048A
Page 41 of 55
CURRENT Register (09h)
REGISTER
NAME
Default
value
Active
Description
CURRENT[7:4]
VCO_CURRENT[3:0]
1100
-
Control of current in VCO core for TX and RX
0000 : 150
µA
0001 : 250
µA
0010 : 350
µA
0011 : 450
µA
0100 : 950
µA, use for RX, f= 400 – 500 MHz
0101 : 1050
µA
0110 : 1150
µA
0111 : 1250
µA
1000 : 1450
µA, use for RX, f<400 MHz and f>500
MHz; and TX, f= 400 – 500 MHz
1001 : 1550
µA, use for TX, f<400 MHz
1010 : 1650
µA
1011 : 1750
µA
1100 : 2250
µA
1101 : 2350
µA
1110 : 2450
µA
1111 : 2550
µA, use for TX, f>500 MHz
CURRENT[3:2]
LO_DRIVE[1:0]
10
Control of current in VCO buffer for LO drive
00 : 0.5mA, use for TX
01 : 1.0mA , use for RX, f<500 MHz*
10 : 1.5mA,
11 : 2.0mA, use for RX, f>500 MHz *
* LO_DRIVE can be reduced to save current in
RX mode. See
Table 10 for details
CURRENT[1:0]
PA_DRIVE[1:0]
10
Control of current in VCO buffer for PA
00 : 1mA, use for RX
01 : 2mA, use for TX, f<500 MHz
10 : 3mA
11 : 4mA, use for TX, f>500 MHz
FRONT_END Register (0Ah)
REGISTER
NAME
Default
value
Active
Description
FRONT_END[7:6]
-
00
-
Not used
FRONT_END[5]
BUF_CURRENT
0
-
Control of current in the LNA_FOLLOWER
0 : 520uA, use for f<500 MHz
1 : 690uA, use for f>500 MHz *
*BUF_CURRENT can be reduced to save
current in RX mode. See
Table 10 for details.
FRONT_END[4:3]
LNA_CURRENT
[1:0]
01
-
Control of current in LNA
00 : 0.8mA, use for f<500 MHz *
01 : 1.4mA
10 : 1.8mA, use for f>500 MHz *
11 : 2.2mA
*LNA_CURRENT can be reduced to save
current in RX mode. See
Table 10 for details.
FRONT_END[2:1]
IF_RSSI[1:0]
00
-
Control of IF_RSSI pin
00 : Internal IF and demodulator, RSSI inactive
01 : RSSI active, RSSI/IF is analog RSSI output
10 : External IF and demodulator, RSSI/IF is
mixer output. Internal IF in power down mode.
11 : Not used
FRONT_END[0]
XOSC_BYPASS
0
-
0 : Internal XOSC enabled
1 : Power-Down of XOSC, external CLK used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com