Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1050-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC1050-RTR1
Description  Single Chip Very Low Power RF Transmitter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC1050-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC1050-RTR1 Datasheet HTML 11Page - Texas Instruments CC1050-RTR1 Datasheet HTML 12Page - Texas Instruments CC1050-RTR1 Datasheet HTML 13Page - Texas Instruments CC1050-RTR1 Datasheet HTML 14Page - Texas Instruments CC1050-RTR1 Datasheet HTML 15Page - Texas Instruments CC1050-RTR1 Datasheet HTML 16Page - Texas Instruments CC1050-RTR1 Datasheet HTML 17Page - Texas Instruments CC1050-RTR1 Datasheet HTML 18Page - Texas Instruments CC1050-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
CC1050
SWRS044
Page 15 of 40
Signal interface
The signal interface consists of DI and
DCLK and is used for the data to be
transmitted. DI is the data input line and
DCLK provides a synchronous clock
during data transmission.
The
CC1050 can be used with NRZ (Non-
Return-to-Zero) data or Manchester (also
known as bi-phase-level) encoded data.
CC1050 can be configured for three
different data formats:
Synchronous NRZ mode.
CC1050 provides
the data clock at DCLK, and DI is used as
data input. Data is clocked into
CC1050 at
the rising edge of DCLK. The data is
modulated at RF without encoding.
CC1050
can be configured for the data rates 0.6,
1.2, 2.4, 4.8, 9.6, 19.2, 38.4 or 76.8 kbit/s.
See Figure 7.
Synchronous Manchester encoded mode.
CC1050 provides the data clock at DCLK,
and DI is used as data input. Data is
clocked into
CC1050 at the rising edge of
DCLK and should be in NRZ format. The
data is modulated at RF with Manchester
code. The encoding is done by
CC1050. In
this mode
CC1050 can be configured for
the data rates 0.3, 0.6, 1.2, 2.4, 4.8, 9.6,
19.2 or 38.4 kbit/s. The 38.4 kbit/s rate
corresponds to the maximum 76.8 kBaud
due to the Manchester encoding. See
Figure 8.
Transparent Asynchronous UART mode.
In transmit mode DI is used as data input.
The data is modulated at RF without
synchronisation or encoding. Data rates in
the range from 0.6 to 76.8 kBaud can be
used. See Figure 9.
Manchester encoding
In the Synchronous Manchester encoded
mode
CC1050 uses Manchester coding
when
modulating
the
data.
The
Manchester code is based on transitions;
a “0” is encoded as a low-to-high
transition, a “1” is encoded as a high-to-
low transition. See Figure 10.
The Manchester code ensures that the
signal has a constant DC component,
which
is
necessary
in
some
FSK
demodulators. Using this mode also
ensures compatibility with CC400/CC900
designs.
DCLK
DI
“RF”
Clock provided by CC1050
FSK modulating signal (NRZ),
internal in CC1050
Data provided by microcontroller
DCLK
DI
“RF”
Clock provided by CC1050
FSK modulating signal (NRZ),
internal in CC1050
Data provided by microcontroller
Figure 7. Synchronous NRZ mode
Not Recommended for New Designs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com