Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD54HC366 Datasheet(PDF) 5 Page - Texas Instruments

Part # CD54HC366
Description  CDx4HC365-Q1, CD74HC366-Q1 High-Speed CMOS Logic HEX Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD54HC366 Datasheet(HTML) 5 Page - Texas Instruments

  CD54HC366 Datasheet HTML 1Page - Texas Instruments CD54HC366 Datasheet HTML 2Page - Texas Instruments CD54HC366 Datasheet HTML 3Page - Texas Instruments CD54HC366 Datasheet HTML 4Page - Texas Instruments CD54HC366 Datasheet HTML 5Page - Texas Instruments CD54HC366 Datasheet HTML 6Page - Texas Instruments CD54HC366 Datasheet HTML 7Page - Texas Instruments CD54HC366 Datasheet HTML 8Page - Texas Instruments CD54HC366 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5.5 Electrical Characteristics
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST
CONDITIONS(2)
VCC (V)
25°C
-40°C TO 125°C
UNITS
MIN
TYP
MAX
MIN
MAX
HC Types
VIH
High-level input voltage
2
1.5
1.5
V
4.5
3.15
3.15
6
4.2
4.2
VIL
Low-level input voltage
2
0.5
0.5
V
4.5
1.35
1.35
6
1.8
1.8
VOH
High-level
output voltage
loads
CMOS
IOH = –20 μA
2
1.9
1.9
V
4.5
4.4
4.4
6
5.9
5.9
TTL
IOH = –6 mA
4.5
3.98
3.7
IOH = –7.8 mA
6
5.48
5.2
VOL
Low-level
output voltage
loads
CMOS
IOL = 20 μA
2
0.1
0.1
V
4.5
0.1
0.1
6
0.1
0.1
TTL
IOL = 6 mA
4.5
0.26
0.4
IOL = 7.8 mA
6
0.26
0.4
II
Input leakage current
VI = VCC or GND
6
±0.1
±1
μA
ICC
Supply current
VI = VCC or GND; Io
= 0 A
6
8
160
μA
IOZ
Three-state leakage current
VO = VCC or GND
6
±0.5
±10
μA
HCT Types
VIH
High-level input voltage
4.5 to 5.5
2
2
V
VIL
Low-level input voltage
4.5 to 5.5
0.8
0.8
V
VOH
High-level output voltage
loads
IOH = – 20 μA
4.5
4.4
4.4
V
IOH = – 4 mA
4.5
3.98
3.7
VOL
Low-level output voltage
loads
IOL = 20 μA
4.5
0.1
0.1
V
IOL = 4 mA
4.5
0.26
0.4
II
Input leakage current
VI = VCC or GND
5.5
±0.1
±1
μA
ICC
Supply current
VI = VCC or GND
5.5
8
160
μA
ΔICC
Additional supply current per
input pin: 1 unit load(1)
VCC - 2.1
4.5 to 5.5
100
360
490
μA
IOZ
Three-state leakage current
VO = VCC or GND
5.5
±0.5
±10
μA
(1)
For dual-supply systems theoretical worst case (VI = 2.4V, VCC = 5.5V) specification is 1.8mA.
(2)
VI = VIH or VIL, unless otherwise specified.
www.ti.com
CD74HC365-Q1, CD74HC366-Q1, CD74HCT365-Q1
SCHS382A – JANUARY 2010 – REVISED AUGUST 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: CD74HC365-Q1 CD74HC366-Q1 CD74HCT365-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com