Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD74HC366 Datasheet(PDF) 6 Page - Texas Instruments

Part # CD74HC366
Description  CDx4HC365-Q1, CD74HC366-Q1 High-Speed CMOS Logic HEX Buffer/Line Driver, Three-State Non-Inverting and Inverting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CD74HC366 Datasheet(HTML) 6 Page - Texas Instruments

Back Button CD74HC366 Datasheet HTML 2Page - Texas Instruments CD74HC366 Datasheet HTML 3Page - Texas Instruments CD74HC366 Datasheet HTML 4Page - Texas Instruments CD74HC366 Datasheet HTML 5Page - Texas Instruments CD74HC366 Datasheet HTML 6Page - Texas Instruments CD74HC366 Datasheet HTML 7Page - Texas Instruments CD74HC366 Datasheet HTML 8Page - Texas Instruments CD74HC366 Datasheet HTML 9Page - Texas Instruments CD74HC366 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
5.6 Switching Characteristics
CL = 50pF. Input tr, tf = 6ns
PARAMETER
VCC (V)
25°C
-40°C TO
125°C
UNITS
TYP
MAX
MAX
HC Types
tPLH,
tPHL
Propagation delay, data to outputs
HC365
2
110
165
ns
4.5
22
33
6
19
28
HC366
2
150
225
4.5
31
45
6
26
38
tTLH,
tTHL
Output transition time
2
60
90
ns
4.5
12
18
6
10
15
CI
Input capacitance
10
10
pF
CO
Three-state output capacitance
20
20
pF
CPD
Power dissipation capacitance(1) (2)
5
40
pF
HCT Types
tPLH, tPHL
Propagation delay, data to outputs
HCT365
4.5
25
38
ns
HCT366
4.5
27
41
tPLH, tPHL
Propagation delay, output enable and disable to outputs
4.5
35
53
ns
tTLH, tTHL
Output transition time
4.5
12
18
ns
CI
Input capacitance
10
10
pF
CO
Three-state output capacitance
20
20
pF
CPD
Power dissipation capacitance(1) (2)
5
42
pF
(1)
CPD is used to determine the dynamic power consumption, per inverter.
(2)
PD = VCC 2 × fi (CPD + CL), where fi = input frequency, CL = output load capacitance, VCC = supply voltage.
CD74HC365-Q1, CD74HC366-Q1, CD74HCT365-Q1
SCHS382A – JANUARY 2010 – REVISED AUGUST 2022
www.ti.com
6
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: CD74HC365-Q1 CD74HC366-Q1 CD74HCT365-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com