Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDX4AC/ACT373 Datasheet(PDF) 3 Page - Texas Instruments

Part # CDX4AC/ACT373
Description  CDx4AC373, CDx4ACT373 Octal Transparent Latch, 3-State
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CDX4AC/ACT373 Datasheet(HTML) 3 Page - Texas Instruments

  CDX4AC/ACT373 Datasheet HTML 1Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 2Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 3Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 4Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 5Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 6Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 7Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 8Page - Texas Instruments CDX4AC/ACT373 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3 Pin Configuration and Functions
Figure 3-1. CDx4AC373, CDx4ACT373
PIN
I/O
DESCRIPTION
NAME
NO.
OE
1
Input
3-state output enable input
0Q
2
Output
Output for channel 0
0D
3
Input
Input for channel 0
1D
4
Input
Input for channel 1
1Q
5
Output
Output for channel 1
2Q
6
Output
Output for channel 2
2D
7
Input
Input for channel 2
3D
8
Input
Input for channel 3
3Q
9
Output
Output for channel 3
GND
10
—
Ground
LE
11
Input
Latch enable input (active HIGH)
4Q
12
Output
Output for channel 4
4D
13
Input
Input for channel 4
5D
14
Input
Input for channel 5
5Q
15
Output
Output for channel 5
6Q
16
Output
Output for channel 6
6D
17
Input
Input for channel 6
7D
18
Input
Input for channel 7
7Q
19
Output
Output for channel 7
VCC
20
—
Supply voltage
www.ti.com
CD54AC373, CD74AC373, CD54ACT373, CD74ACT373
SCHS289A – DECEMBER 1998 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: CD54AC373 CD74AC373 CD54ACT373 CD74ACT373



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com