Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D12B12SWBWH Datasheet(PDF) 2 Page - SEPA EUROPE GmbH

Part # D12B12SWBWH
Description  Axial Fans
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEPA [SEPA EUROPE GmbH]
Direct Link  https://www.sepa-europe.com/en/
Logo SEPA - SEPA EUROPE GmbH

D12B12SWBWH Datasheet(HTML) 2 Page - SEPA EUROPE GmbH

  D12B12SWBWH Datasheet HTML 1Page - SEPA EUROPE GmbH D12B12SWBWH Datasheet HTML 2Page - SEPA EUROPE GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEPA
®
LARGE SIZE FAN FAMILY
Costech
® BRUSHLESS AC FANS
Axial Fans (Continuation)
PERFORMANCE
Model No.
Op. Voltage
[VAC/Hz]
Op.
Power
[W]
Speed
[RPM]
Noise
[dB(A)]
Air
Flow
[m
3/h]
Dimension
[mm]
Life Exp.
[h]
@40°C
Approvals
C18C12HTBF00
115/60
30
3300
55
380
AB:Ø172x51 a:162
40000
UL,CUL, CE
C18C23HTBF00
230/50
29
2800
50
330
AB:Ø172x51 a:162
40000
UL,CUL, CE
C25P12MTBF00
115/60
35
1650
55
930
AB:Ø255x90 a:162
40000
UL,CUL, CE
C25P23MTBF00
230/50
31
1400
52
780
AB:Ø255x90 a:162
40000
UL,CUL, CE
AC1B12HWBY00
115/60
20
2700
58
40
ABC:121x121x27 ab:104.8x104.8
40000
CE
AC1B23HWBY00
230/50
19
2500
55
38
ABC:121x121x27 ab:104.8x104.8
40000
CE
Model numbering system
A
12
B
23
H
W
B
W
0
0
MOTOR
FURTHER OPT.
A=AC shaded pole motor
C=AC capacitor run ind. Mot.
D=DC brushless
CASTING SIZE
STANDARD OPTIONS
F=IP55
H=IP25
T=high temperature
CASTING THICKNESS
DESIGN
VOLTAGE
BEARING
01=5VDC
B=ball
04=12VDC
S=sleeve
05=24VDC
H=hypro
07=48VDC
12=115VAC
23=230VAC
40=400V TWO-PHASE AC
CONNECTION
SPEED
E=extra low
K=terminals block
L=low
T=terminals 2.8x0.5mm
M=medium
W=lead wire
H=high
S=super high
U=ultra high
Dimensions
A12xxx…C17Bxxx
A17Cxxx…C17C
AC1Bxxx
A
C
a
d
SEPA EUROPE GmbH
D-79108 FREIBURG
Tel: +49(0)761/1561025
Fax: +49(0)761/1561027
03/06
Technical changes without notice
6.2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com