Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS1540CP50RO Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS1540CP50RO
Description  1A Low Dropout Voltage Regulator with Low Quiescent Current
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS1540CP50RO Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS1540CP50RO Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS1540CP50RO Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TS1540
1A Low Dropout Voltage Regulator
with Low Quiescent Current
2/4
Version: A07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
15
V
Recommend Operation Input Supply Voltage
VIN (Opr. Typ.)
12
V
Power Dissipation (Note 2)
PD
Internal limited
Thermal Resistance Junction to Ambient
ӨJA
105
oC/W
Operating Temperature Range
TOPER
0 ~ +125
Junction Temperature Range
TJ
+150
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Electrical Specification (Ta = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
Reference Voltage
VIN = 2.75, Io= 1A
1.225
1.25
1.275
V
VIN = 3V ~ 12V, Io= 1A
1.470
1.5
1.530
V
VIN = 3.3V ~ 12V, Io= 1A
1.764
1.8
1.836
V
VIN = 4V ~ 12V, Io= 1A
2.450
2.5
2.550
V
VIN = 4.8V ~ 12V, Io= 1A
3.235
3.3
3.366
V
Output Voltage (Note 4)
VIN = 6.5V ~ 12V, Io= 1A
4.900
5.0
5.100
V
Line Regulation
Vo+1.5V ≤ VIN ≤ 12V, Io= 10mA
--
2
15
mV
Load Regulation (Note 1,2)
VIN = VOUT +1.5V
Io= 10mA ~ 1.0A
--
30
40
mV
Dropout Voltage
Io= 1A, ∆VOUT = 1% VOUT
--
1.0
1.2
V
Quiescent Current
VIN = 5V
--
2.5
5
mA
Adjustable Pin Current
--
90
--
uA
Output Current Limit
VIN - VOUT = 3V
--
1.8
--
A
Temperature Stability
Io=10mA,
--
0.5
--
%
Ripple Rejection
F= 120Hz, Io= 1A, COUT = 10uF,
VIN = Vout+3V
--
60
70
dB
Note 1: See thermal regulation specification for changes in output voltage due to heating effects. Line and load
regulation are measured at a constant junction temperature by low duty cycle pulse testing. Load regulation is
measured at the output lead = 1/18” from the package.
Note 2: Line and load regulation are guaranteed up to the maximum power dissipation of 10W. Power dissipation is
determined by the input / output voltage difference and the output current. Guaranteed maximum power
dissipation will not be available over the full input / output voltage range.
Note 3: Quiescent current is defined as the minimum output current required to maintain the regulation.
Note 4: The Output Capacitor does not have a theoretical upper limit and increasing its value will increase stability
COUT=100uF or more is typical for high current regulator design.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com