Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV19WS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # BAV19WS
Description  0.2W Surface Mount Flat Lead High Voltage Switching Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV19WS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  BAV19WS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV19WS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE
BAV19WS/BAV20WS/BAV21WS
0.2W Surface Mount Flat Lead
High Voltage Switching Diode
SOD-323F
Features
Flat Lead SOD-323F small outline plastic
package
Surface device type mounting
Moisture sensitivity level 1
Clip bonding construction, good thermal
capability
RoHS compliant
Matte Tin (Sn) lead finish
Band indicates cathode
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25
oCambient temperature unless otherwise specified.
Maximum Ratings
Type Number
Symbol
Value
Units
Power Dissipation
Pd
200
mW
Repetitive Peak Reverse Voltage
VRRM
250
V
Average Rectified Forward Current
IF(AV)
200
mA
Non-Repetitive Peak Forward Surge Current
@Pulse Width=1.0 Second
@ Pulse Width=1.0usecond
IFSM
4.0
1.0
A
Operating and Storage Temperature Range
TJ, TSTG
-65 to + 150
OC
Electrical Characteristics
Type Number
Symbol
Min
Max
Units
Breakdown Voltage
BAV19WS @ 100uA
BAV20WS @ 100uA
BAV21WS @ 100uA
BV
120
200
250
V
Reverse Leakage Current
BAV19WS
BAV20WS
BAV21WS
IR
100
100
100
nA
nA
nA
Forward Voltage (Note 3)
@ IF=100mA
@ IF=200mA
VF
1.0
1.25
V
Junction Capacitance
VR=0, f=1.0MHz
Cj
-
5.0
pF
Reverse Recovery Time (Note 1)
trr
-
50
nS
Note: 1 Reverse Recovery Test Conditions: IF=IR=30mA, Irr=3mA, RL=100
Ω.
Version: A07


Similar Part No. - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV19WS PANJIT-BAV19WS Datasheet
104Kb / 3P
SURFACT MOUNT SWITCHING DIODES
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
61Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 7 - 2
logo
General Semiconductor
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
logo
Diotec Semiconductor
BAV19WS DIOTEC-BAV19WS Datasheet
111Kb / 2P
Surface mount Small Signal Diodes
logo
Diodes Incorporated
BAV19WS DIODES-BAV19WS Datasheet
352Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30119 Rev. 11 - 2
More results

Similar Description - BAV19WS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMPD2003-1 CENTRAL-CMPD2003-1 Datasheet
110Kb / 2P
SURFACE MOUNT HIGH VOLTAGE SWITCHING DIODE
logo
Diodes Incorporated
MMBD2004S DIODES-MMBD2004S_1 Datasheet
82Kb / 3P
HIGH VOLTAGE SURFACE MOUNT SWITCHING DIODE
DS30281 Rev. 8 - 2
logo
Taiwan Semiconductor Co...
BAT42WS TSC-BAT42WS Datasheet
78Kb / 2P
0.2W Surface Mount Flat Lead Fast Switching Schottky Barrier Diode
logo
Tak Cheong Electronics ...
BAV19WS TAK_CHEONG-BAV19WS Datasheet
131Kb / 4P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
logo
Yea Shin Technology Co....
BAV19WSFL YEASHIN-BAV19WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV19WSFL-A YEASHIN-BAV19WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL YEASHIN-BAV20WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV20WSFL-A YEASHIN-BAV20WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV21WSFL YEASHIN-BAV21WSFL Datasheet
822Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
BAV21WSFL-A YEASHIN-BAV21WSFL-A Datasheet
836Kb / 3P
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package High Voltage Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com