Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV101 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # BAV101
Description  500mW Hermetically Sealed Glass High Voltage Switching Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

BAV101 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  BAV101 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd BAV101 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATINGS AND CHARACTERISTIC CURVES (BAV100/101/102/103)
Fig. 1 Reverse Current vs. Junction Temperature
0
40
80
120
160
0.01
0.1
1
10
1000
Tj - Junction Temperature ( °C)
200
100
Scattering Limit
VR =VRRM
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 2 Forward Current vs. Forward Voltage
0
0.4
0.8
1.2
1.6
0.1
1
10
100
1000
VF - Forward Voltage ( V )
2.0
Scattering Limit
Tj =25° C
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Fig. 3 Differential Forward Resistance vs. Forward Current
0.1
1
10
1
10
100
1000
I F - Forward Current ( mA )
100
Tj =25
°C
Version: A07



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com