Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS13007B Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS13007B
Description  High Voltage NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS13007B Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS13007B Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS13007B Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS13007B Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS13007B Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS13007B Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS13007B
High Voltage NPN Transistor
2/5
Version: A07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCE =400V, IB=0
ICEO
--
--
1
mA
Collector Cutoff Current
VCB =700V, IE =0
ICBO
--
--
1
mA
Emitter Cutoff Current
VEB = 9V, IC =0
IEBO
--
--
1
mA
Collector-Emitter Saturation Voltage
IC=2A, IB =0.4A
IC=5A, IB =1A
IC=8A, IB =2A
VCE(SAT)1
VCE(SAT)2
VCE(SAT)3
--
--
--
--
--
--
1
1.5
3
V
Base-Emitter Saturation Voltage
IC=2A, IB =0.4A
IC=5A, IB =1A
VBE(SAT)1
VBE(SAT)2
--
--
--
--
1.2
1.6
V
DC Current Gain
VCE =5V, IC = 2A
VCE =5V, IC = 5A
hFE
20
5
--
--
40
30
Dynamic
Frequency
VCE =10V, IC =0.5A
fT
4
--
--
MHz
Output Capacitance
VCB =10V, f =0.1MHz
Cob
--
180
--
pF
Resistive Load Switching Time (Ratings)
Delay Time
td
--
0.06
0.1
uS
Rise Time
tr
0.45
1
uS
Storage Time
tSTG
--
2.8
3
uS
Fall Time
VCC =125V, IC =5A,
IB1 =IB2=1A, tP =25uS
Duty Cycle ≤1%
tf
--
0.3
0.7
uS
Note: pulse test: pulse width ≤300uS, duty cycle ≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com