Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAB Datasheet(PDF) 1 Page - MEC Marcom Electronic Components Ltd.

Part # MAB
Description  EMC SUPPRESSION SHEET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEC [MEC Marcom Electronic Components Ltd.]
Direct Link  https://mec-uk.co.uk/
Logo MEC - MEC Marcom Electronic Components Ltd.

MAB Datasheet(HTML) 1 Page - MEC Marcom Electronic Components Ltd.

  MAB Datasheet HTML 1Page - MEC Marcom Electronic Components Ltd. MAB Datasheet HTML 2Page - MEC Marcom Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
EMC SUPPRESSION SHEET
Kitagawa series: MAB
MATERIAL INFORMATION
Item
Unit
Standard
MAB-03
Dimension A
mm
-
0.4/1.0/2.0/4.0
Dimension B
mm
-
0.16
Colour
-
-
Black
Volume Resistivity
Ωcm
JIS K 6911
10ᴵ²
Flame Resistance
-
UL94
V-0
Material
-
-
Soft ferrite + resin
Operating Temperature
⁰C
-
-40 ~ 85
• Flexible sheet consisting of resin with soft ferrite filler.
• Flexible and easy to handle.
• Thickness from 0.4 to 4.0mm.
• Suited for broad frequency range 200Khz to 5GHz.
• Custom shapes and sizes available upon request.
• Magnetic permeability is 7 at 10Mhz.
• Typical applications include flat screen TVs, displays, electric
vehicles, HEMS and smartphones.


Similar Part No. - MAB

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MAB ILLINOISCAPACITOR-MAB Datasheet
258Kb / 4P
Small size ??Good dvdt ??EN60252-1 rated
logo
KITAGAWA GmbH
MAB KGS-MAB Datasheet
334Kb / 1P
Flexible sheet consists of resin with soft ferrite filler
MAB-03 KGS-MAB-03 Datasheet
334Kb / 1P
Flexible sheet consists of resin with soft ferrite filler
logo
Powerbox
MAB03 POWERBOX-MAB03 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
MAB03027 POWERBOX-MAB03027 Datasheet
709Kb / 2P
3 WATTS SINGLE & DUAL OUTPUT DC/DC INDUSTRIAL
More results

Similar Description - MAB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8451 FILTRAN-8451 Datasheet
96Kb / 1P
Choke EMC Suppression Choke
logo
EPCOS
B84102C0020 EPCOS-B84102C0020 Datasheet
115Kb / 6P
EMC filters
B84108S1004A110 EPCOS-B84108S1004A110 Datasheet
113Kb / 6P
EMC filters
B84142A0008R122 EPCOS-B84142A0008R122 Datasheet
260Kb / 12P
EMC filters
B84142B0008R000 EPCOS-B84142B0008R000 Datasheet
145Kb / 7P
EMC filters
B84143B0008R000 EPCOS-B84143B0008R000 Datasheet
165Kb / 9P
EMC filters
B84299K0021 EPCOS-B84299K0021 Datasheet
155Kb / 8P
EMC filters
logo
MORNSUN Science& Techno...
FC-CXXD MORNSUN-FC-CXXD Datasheet
648Kb / 5P
EMC Filter
FC-E03D MORNSUN-FC-E03D Datasheet
1Mb / 6P
EMC Filter
LH05-16D0512-01 MORNSUN-LH05-16D0512-01 Datasheet
292Kb / 3P
EMC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com