Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6TPB150ML Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # 6TPB150ML
Description  TPB Series
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

6TPB150ML Datasheet(HTML) 1 Page - Sanyo Semicon Device

  6TPB150ML Datasheet HTML 1Page - Sanyo Semicon Device 6TPB150ML Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
18
18
TPB Series
New Standard Products
TPB series are new standard products
corresponding to the diversification of the needs.
*The D3 size products of TPB series are planning to discontinue
manufacturing. Please use the D3L size of TPB series when you
design new products.
■ Specifications
■ Dimensions (unit: mm)
Operating Temperature range
(℃)
Rated capacitance range
(120Hz/20℃)
(μF)
Capacitance tolerance
(120Hz/20℃)
Rated voltage
(V.DC)
Dissipation Factor
(D.F.)
(120Hz/20℃)
(%)
Leakage current (Rated voltage applied, after 5 minutes)
(μA)
Equivalent series resistance
E.S.R
(mΩmax.),(100kHz/20℃)
−55 to +105
47 to 1000
M:
±20%
2.5 to 16
≦8.0 or 10.0 or 15.0
≦0.1CV
Please see the attached characteristic list
1.0 to 2.0
0.6 to 1.0
Within
±20% of the initial value
≦1.5 times the initial value
≦The initial value
Wilthin
+50%, −20% of the initial value(2R5TPB1000M,4TPB680M,6TPB470M,10TPB330M)
Within
+40%, −20% of the initial value(Except for the above model)
≦1.5 times the initial value
≦3 times the initial value
Within
±5% of the initial value
≦The initial value
≦3 times the initial value
Temperature characteristics of Impedance ratio
(100kHz/+20℃)
Endurance
(105℃,2000h,rated voltage applied)
Damp heat
(Steady state)
(60℃,90 to 95%RH,500h,No voltage applied)
Surge
(105℃,1000 cycles,1kΩ,surge voltage applied)
-55
℃
+105
℃
△C/C
D.F.
L.C.
△C/C
D.F.
L.C.
△C/C
D.F.
L.C.
Z/Z20℃
Z/Z20℃
82
k13
L
L
S
W1
S
Size
code
C
D3L
D3
D4
W
(±0.2)
3.2
4.3
4.3
4.3
H
(±0.2)
2.8
2.8
3.1
3.8
S
(±0.2)
1.3
1.3
1.3
1.3
W1
(±0.1)
1.8
2.4
2.4
2.4
※1 ±0.3:D3L,D4
L※1
(±0.2)
6.0
7.3
7.3
7.3
(C,D3,D4 size)(D3L size)
■ Size list
RV
(SV)
μF
47
68
82
100
150
220
330
470
680
1000
4.0
(5.0)
6.3
(8.0)
8.0
(10.0)
10.0
(13.0)
16.0
(20.0)
RV
(SV)
μF
2.5
(3.2)
4.0
(5.0)
6.3
(8.0)
8.0
(10.0)
10.0
(13.0)
16.0
(20.0)
2.5
(3.2)
C
C
C,D3,D3L
C
C
C
D3,D3L
D3L
D3,D3L
C
D3,D3L
D3L
D4
D4
C,D3,D3L
D3L
D4
D4
D3L
D3L,D4
D4
D3L,D4
D4


Similar Part No. - 6TPB150ML

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
6TPB150ML SANYO-6TPB150ML Datasheet
103Kb / 2P
standard products corresponding to the diversification of the needs
More results

Similar Description - 6TPB150ML

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
C10507-11_ETC_KACC1142E07 HAMAMATSU-C10507-11_ETC_KACC1142E07 Datasheet
898Kb / 9P
C10507-11 series C10751 series
logo
Fairchild Semiconductor
FOD617CSD FAIRCHILD-FOD617CSD Datasheet
723Kb / 12P
FOD814 Series, FOD817 Series FOD814 Series, FOD817 Series Phototransistor Optocouplers
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
100 Series / SM Series / PC Series
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
SPFR Series and SPFRHV Series
Rev: 071013
logo
Wurth Elektronik GmbH &...
744833005240 WURTH-744833005240 Datasheet
681Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
744833011180 WURTH-744833011180 Datasheet
683Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
744833027110 WURTH-744833027110 Datasheet
682Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
744833052100 WURTH-744833052100 Datasheet
681Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
744833084075 WURTH-744833084075 Datasheet
681Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
744833120060 WURTH-744833120060 Datasheet
680Kb / 7P
WE-TPB Three Phase Common Mode Power Line Choke
002.000
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com