Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRO-3 Datasheet(PDF) 2 Page - zencontrol

Part # PRO-3
Description  3-line DALI application controller pro
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZENCONTROL [zencontrol]
Direct Link  zencontrol.com
Logo ZENCONTROL - zencontrol

PRO-3 Datasheet(HTML) 2 Page - zencontrol

  PRO-3 Datasheet HTML 1Page - zencontrol PRO-3 Datasheet HTML 2Page - zencontrol  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
3-line DALI application controller pro
datasheet
© zencontrol
zencontrol.com
Specifications
Supply voltage
230 V ~ 50 Hz
Control system
DALI-2
DALI line current
2 mA /channel
Ethernet
2x 10/100 Ethernet port switch
RS-485 network type
3x Half duplex
Wiring
1 - 4 mm2
Strip 6 - 7 mm
Operating temperature 0 to 55°C
Material
PC
Classification
Class II
Mounting
DIN rail (35 mm)
Ingress protection
IP20
Compliance standards IEC 61347-2-11
IEC 60950-1
CISPR 15
CISPR 22
EN 55015
EN 55022
IEC 62386-103 Ed 2.0
EMC-2004/108/EC
LVD-2006/95/EC
Product range
Order code
Description
zc-controller-pro-3 DALI application controller and Ethernet
DALI gateway, 6DIN, with 3 DALI lines
Features
■ Suitable for 3 DALI lines of up to 64 devices, and 63 control devices each
■ Pro application controller which supports additional
instances and bigger sequences
■ Reinforced insulation between DALI, mains supply and Ethernet
■ 2x 10/100 TCP/IP Ethernet port switch compatible with
standard IT switches and equipment (upgradeable)
■ Suitable for distribution board mounting on standard DIN rail
■ DALI compliant application controller
■ Compliant to IEC62386-103 Ed 2.0
■ Compatible with DALI devices
■ Protected against DALI over-voltage
■ LED indicators for system status
■ Optional DMX (upgradeable)
Accessories range
Order code
Description
zc-psu
DALI power supply
Notice
Requires 3x external DALI power supply such as zc-psu
45
106
92.5
62
Dimensions
Mounting options
DIN rail (35 mm)
Dimensions
92.5 / 106 / 62 mm



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com