Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87313DMS Datasheet(PDF) 6 Page - Texas Instruments

Part # CSD87313DMS
Description  CSD87313DMS 30-V Dual N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87313DMS Datasheet(HTML) 6 Page - Texas Instruments

Back Button CSD87313DMS Datasheet HTML 2Page - Texas Instruments CSD87313DMS Datasheet HTML 3Page - Texas Instruments CSD87313DMS Datasheet HTML 4Page - Texas Instruments CSD87313DMS Datasheet HTML 5Page - Texas Instruments CSD87313DMS Datasheet HTML 6Page - Texas Instruments CSD87313DMS Datasheet HTML 7Page - Texas Instruments CSD87313DMS Datasheet HTML 8Page - Texas Instruments CSD87313DMS Datasheet HTML 9Page - Texas Instruments CSD87313DMS Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
TA - Ambient Temperature (qC)
-50
-25
0
25
50
75
100
125
150
175
0
4
8
12
16
20
24
D012
TC - Case Temperature (qC)
-75
-50
-25
0
25
50
75
100
125
150
175
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
D006
TAV - Time in Avalanche (ms)
0.01
0.1
1
1
10
100
D011
TC = 25q C
TC = 125q C
6
CSD87313DMS
SLPS642 – APRIL 2017
www.ti.com
Product Folder Links: CSD87313DMS
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
ID = 250 µA
Figure 13. Threshold Voltage vs Temperature
Figure 14. Single Pulse Unclamped Inductive Switching
Figure 15. Maximum Source1-to-Source2 Current vs Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com