Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSD87313DMST Datasheet(PDF) 5 Page - Texas Instruments

Part # CSD87313DMST
Description  CSD87313DMS 30-V Dual N-Channel NexFET™ Power MOSFETs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CSD87313DMST Datasheet(HTML) 5 Page - Texas Instruments

  CSD87313DMST Datasheet HTML 1Page - Texas Instruments CSD87313DMST Datasheet HTML 2Page - Texas Instruments CSD87313DMST Datasheet HTML 3Page - Texas Instruments CSD87313DMST Datasheet HTML 4Page - Texas Instruments CSD87313DMST Datasheet HTML 5Page - Texas Instruments CSD87313DMST Datasheet HTML 6Page - Texas Instruments CSD87313DMST Datasheet HTML 7Page - Texas Instruments CSD87313DMST Datasheet HTML 8Page - Texas Instruments CSD87313DMST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VS1S2 - Source1-to-Source2 Voltage (V)
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
100
200
D010
DC
10 s
1 s
100 ms
10 ms
1 ms
100 µs
tp - Pulse Duration (s)
0.0001
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
1000
10000
D013
Qg - Gate Charge (nC)
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
7
8
D010
VS1S2 - Source1-to-Source2 Voltage (V)
0
5
10
15
20
25
30
10
100
1000
10000
D010
Ciss = Cgd + Cgs
Coss = Cds + Cgd
Crss = Cgd
VGS - Gate-to-Source Voltage (V)
0.5
0.75
1
1.25
1.5
1.75
2
2.25
2.5
0
12
24
36
48
60
72
84
96
108
120
D007
TC = 150°C
TC = 25°C
TC = -55°C
Vf
SS - Source-to-Drain Voltage (V)
0
0.2
0.4
0.6
0.8
1
1.2
0.0001
0.001
0.01
0.1
1
10
100
D009
TC = -55qC
TC = 25qC
TC = 125qC
5
CSD87313DMS
www.ti.com
SLPS642 – APRIL 2017
Product Folder Links: CSD87313DMS
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical MOSFET Characteristics (continued)
TA = 25°C (unless otherwise stated)
VS1S2 = 5 V
Figure 7. Transfer Characteristics
Figure 8. Typical Diode Forward Voltage
ID = 23 A
VS1S2 = 15 V
Figure 9. Gate Charge
Figure 10. Capacitance
Single pulse, RθJA = 125°C/W
Figure 11. Maximum Safe Operating Area
RθJA = 125 °C/W, TA = 25°C
Figure 12. Single Pulse Maximum Power Dissipation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com