Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26C32AME/883 Datasheet(PDF) 1 Page - Texas Instruments

Part # DS26C32AME/883
Description  DS26C32AMQML Quad Differential Line Receiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS26C32AME/883 Datasheet(HTML) 1 Page - Texas Instruments

  DS26C32AME/883 Datasheet HTML 1Page - Texas Instruments DS26C32AME/883 Datasheet HTML 2Page - Texas Instruments DS26C32AME/883 Datasheet HTML 3Page - Texas Instruments DS26C32AME/883 Datasheet HTML 4Page - Texas Instruments DS26C32AME/883 Datasheet HTML 5Page - Texas Instruments DS26C32AME/883 Datasheet HTML 6Page - Texas Instruments DS26C32AME/883 Datasheet HTML 7Page - Texas Instruments DS26C32AME/883 Datasheet HTML 8Page - Texas Instruments DS26C32AME/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS26C32AMQML
www.ti.com
SNOSAS3A – OCTOBER 2010 – REVISED APRIL 2013
DS26C32AMQML Quad Differential Line Receiver
Check for Samples: DS26C32AMQML
1
FEATURES
DESCRIPTION
The DS26C32A is a quad differential line receiver
2
•
CMOS Design for Low Power
designed to meet the RS-422, RS-423, and Federal
•
±0.2V Sensitivity Over Input Common Mode
Standards
1020
and
1030
for
balanced
and
Voltage Range
unbalanced digital data transmission, while retaining
•
Input Fail-Safe Circuitry
the low power characteristics of CMOS.
•
Inputs Won't Load Line When VCC = 0V
The DS26C32A has an input sensitivity of 200 mV
over the common mode input voltage range of ±7V.
•
Meets the Requirements of EIA Standard RS-
The DS26C32A features internal pull-up and pull-
422
down resistors which prevent output oscillation on
•
TRI-STATE Outputs for Connection to System
unused channels.
Buses
The DS26C32A provides an enable and disable
function common to all four receivers, and features
TRI-STATE outputs with 6 mA source and sink
capability. This product is pin compatible with the
DS26LS32A and the AM26LS32.
CONNECTION DIAGRAMS
Figure 1. CDIP and CLGA Packages-Top View
See Package Numbers NFE0016A, NAC0016A, or NAD0016A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS26C32AME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32AME/883 NSC-DS26C32AME/883 Datasheet
311Kb / 11P
Quad Differential Line Receiver
logo
Texas Instruments
DS26C32AME/883 TI1-DS26C32AME/883 Datasheet
618Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
More results

Similar Description - DS26C32AME/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS26C32AT NSC-DS26C32AT Datasheet
311Kb / 11P
Quad Differential Line Receiver
DS34C86T NSC-DS34C86T Datasheet
196Kb / 8P
Quad CMOS Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A Datasheet
282Kb / 11P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
SN65LVDS048 TI-SN65LVDS048 Datasheet
198Kb / 1P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
logo
National Semiconductor ...
DS26F32C NSC-DS26F32C Datasheet
140Kb / 6P
Quad Differential Line Receiver
logo
Texas Instruments
SN65LVDS048A TI-SN65LVDS048A_06 Datasheet
140Kb / 11P
LVDS QUAD DIFFERENTIAL LINE RECEIVER
DS26C32AMQML TI1-DS26C32AMQML Datasheet
410Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS26C32AMQML TI1-DS26C32AMQML_16 Datasheet
618Kb / 16P
DS26C32AMQML Quad Differential Line Receiver
DS90C032 TI1-DS90C032_16 Datasheet
864Kb / 18P
Quad CMOS Differential Line Receiver
logo
ARTSCHIP ELECTRONICS CO...
DS34C86T ARTSCHIP-DS34C86T Datasheet
215Kb / 6P
Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com