Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS91D176TMA/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Part # DS91D176TMA/NOPB
Description  DS91D176/DS91C176 100 MHz Single Channel M-LVDS Transceivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS91D176TMA/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  DS91D176TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91D176TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
DS91C176, DS91D176
www.ti.com
SNLS146L – MARCH 2006 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
Supply Voltage, VCC
−0.3V to +4V
Control Input Voltages
−0.3V to (VCC + 0.3V)
Driver Input Voltage
−0.3V to (VCC + 0.3V)
Driver Output Voltages
−1.8V to +4.1V
Receiver Input Voltages
−1.8V to +4.1V
Receiver Output Voltage
−0.3V to (VCC + 0.3V)
Maximum Package Power Dissipation at +25°C
SOIC Package
833 mW
Derate SOIC Package
6.67 mW/°C above +25°C
Thermal Resistance (4-Layer, 2 oz. Cu, JEDEC)
θJA
150°C/W
θJC
63°C/W
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature
(Soldering, 4 seconds)
260°C
ESD Ratings:
(HBM 1.5k
Ω, 100pF)
≥ 8 kV
(EIAJ 0
Ω, 200pF)
≥ 250 V
(CDM 0
Ω, 0pF)
≥ 1000 V
(1)
“Absolute Maximum Ratings” are those beyond which the safety of the device cannot be verified. They are not meant to imply that the
device should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
Recommended Operating Conditions
Min
Typ
Max
Units
Supply Voltage, VCC
3.0
3.3
3.6
V
Voltage at Any Bus Terminal (Separate or Common-Mode)
−1.4
+3.8
V
Differential Input Voltage VID
2.4
V
LVTTL Input Voltage High VIH
2.0
VCC
V
LVTTL Input Voltage Low VIL
0
0.8
V
Operating Free Air Temperature TA
−40
+25
+85
°C
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.
(1) (2) (3) (4)
Parameter
Test Conditions
Min
Typ
Max
Units
M-LVDS Driver
|VAB|
Differential output voltage magnitude
RL = 50Ω, CL = 5pF
480
650
mV
See Figure 4 and Figure 6
ΔVAB
Change in differential output voltage magnitude
−50
0
+50
mV
between logic states
VOS(SS)
Steady-state common-mode output voltage
RL = 50Ω, CL = 5pF
0.3
1.8
2.1
V
See Figure 4 and Figure 5
|
ΔVOS(SS)|
Change in steady-state common-mode output
0
+50
mV
(VOS(PP) @ 500KHz clock)
voltage between logic states
VOS(PP)
Peak-to-peak common-mode output voltage
135
mV
VA(OC)
Maximum steady-state open-circuit output voltage
See Figure 7
0
2.4
V
VB(OC)
Maximum steady-state open-circuit output voltage
0
2.4
V
(1)
All currents into device pins are positive; all currents out of device pins are negative. All voltages are referenced to device ground unless
otherwise specified.
(2)
All typicals are given for VCC = 3.3V and TA = 25°C.
(3)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum, is used in this datasheet.
(4)
CL includes fixture capacitance and CD includes probe capacitance.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: DS91C176 DS91D176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com