Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34063 Datasheet(PDF) 6 Page - Taiwan Semiconductor Company, Ltd

Part # TS34063
Description  Dc to Dc Converter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063 Datasheet(HTML) 6 Page - Taiwan Semiconductor Company, Ltd

Back Button TS34063_07 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS34063_07 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TS34063
Dc to Dc Converter Controller
6/10
Version: A07
Typical Application Circuit (Continue)
Test
Conditions
Results
Line Regulation
VIN= 4.5V~6V, Io= 100mA
3mV = ±120.012%
Load Regulation
VIN = 5V, Io= 10mA to 100mA
0.022V = ±0.09%
Output Ripple
VIN =5V, Io= 100mA
500mVpp
Short Circuit Current
VIN =5V, RL= 0.1Ω
910mA
Efficiency
VIN =5V, Io= 100mA
62.2%
Output Ripple with Optional Filter
VIN =5V, Io= 100mA
70mVpp
Figure 11. Voltage Inverting Converter



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com