Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3450MT/NOPB.A Datasheet(PDF) 21 Page - Texas Instruments

Part # LM3450MT/NOPB.A
Description  LED Drivers with Active Power Factor Correction and Phase Dimming Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3450MT/NOPB.A Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM3450MT/NOPB.A Datasheet HTML 17Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 18Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 19Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 20Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 21Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 22Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 23Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 24Page - Texas Instruments LM3450MT/NOPB.A Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
GND
+
-
5 P$
40 k:
Rectified AC
BIAS
AC
AC
LM3450/50A
Sample
CHLD
CSEN
RSEN
RHLD
QPS
RBS
+
-
VSEN
ISEN
HOLD
10k
NTC
15k
3904
Connect if thermal
protection circuit is
not desired
QPS
thermal
protection
circuit
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
LM3450/A DEMODULATED VAC PIN DUTY CYCLE
1V
0.5V
2V
2.5V
1.5V
VADJ=3V
LM3450
www.ti.com
SNVS681D – NOVEMBER 2010 – REVISED MAY 2013
Figure 30. Complete Decoder Mapping
Since the buffered decoder output has amplitude equal to VADJ and the resulting PWM signal is filtered into an
analog voltage at FLT2, the VADJ pin can be used to change the mapping as shown in Figure 30. The maximum
LED current (DIM = 0) when VADJ = 3V corresponds to decoded angles of 70% or greater. Some dimmers have a
maximum angle greater than this. If VADJ is reduced to 2.5V, the maximum LED current will correspond to an
angle of 80% and at VADJ = 2V the maximum will occur at a decoded angle of 95%.
The VADJ pin can also be used to implement a standard analog adjust function. If the demodulated phase angle
at VAC is above 85%, then the fast filter is always enabled (500kΩ shorted) and the VADJ pin can solely be used
to scale the DIM pin duty cycle. When VADJ is pulled below 75mV the part enters low power shutdown so the
maximum attainable contrast ratio using VADJ only is approximately 40:1.
Both FLT1 and FLT2 have pull-down MosFETs that are turned on when VCC UVLO falling threshold is triggered.
This provides a quick discharge path for the capacitors and eliminates the possibility of an undesired light level at
the next startup.
Figure 31. Dynamic Hold Circuit
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Links: LM3450



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com