Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2840 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2840
Description  LM284x-Q1 Automotive SIMPLE SWITCHER® 4.5-V to 42-V Input, 0.1-, 0.3-, or 0.6-A Output Step-Down DC/DC Regulator in Thin SOT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2840 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2840 Datasheet HTML 8Page - Texas Instruments LM2840 Datasheet HTML 9Page - Texas Instruments LM2840 Datasheet HTML 10Page - Texas Instruments LM2840 Datasheet HTML 11Page - Texas Instruments LM2840 Datasheet HTML 12Page - Texas Instruments LM2840 Datasheet HTML 13Page - Texas Instruments LM2840 Datasheet HTML 14Page - Texas Instruments LM2840 Datasheet HTML 15Page - Texas Instruments LM2840 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
L =
(VIN - VOUT)VOUT
VIN x IRIPPLE x fSW
12
LM2840-Q1, LM2841-Q1, LM2842-Q1
SNVSBE5 – APRIL 2019
www.ti.com
Product Folder Links: LM2840-Q1 LM2841-Q1 LM2842-Q1
Submit Documentation Feedback
Copyright © 2019, Texas Instruments Incorporated
•
Run electrical simulations to see important waveforms and circuit performance
•
Run thermal simulations to understand board thermal performance
•
Export customized schematic and layout into popular CAD formats
•
Print PDF reports for the design, and share the design with colleagues
Get more information about WEBENCH tools at www.ti.com/WEBENCH.
This section presents guidelines for selecting external components.
8.2.2.2 Setting the Output Voltage
The output voltage is set using the feedback pin and a resistor divider connected to the output as shown in
Typical Application Circuit. The feedback pin voltage 0.765 V, so the ratio of the feedback resistors sets the
output voltage according to Equation 3:
VOUT = 0.765 V (1 + (R1 / R2))
(3)
Typically R2 is given as 100 Ω to 10 kΩ for a starting value. To solve for R1 given R2 and VOUT, use Equation 4:
R1 = R2 ((VOUT / 0.765 V) – 1)
(4)
8.2.2.3 Inductor Selection
The most critical parameters for the inductor are the inductance, peak current, and the DC resistance. The
inductance is related to the peak-to-peak inductor ripple current, the input and the output voltages.
(5)
A higher value of ripple current reduces inductance, but increases the conductance loss, core loss, and current
stress for the inductor and switch devices. It also requires a bigger output capacitor for the same output voltage
ripple requirement. A reasonable value is setting the ripple current to be 30% of the DC output current. Because
the ripple current increases with the input voltage, the maximum input voltage is always used to determine the
inductance. The DC resistance of the inductor is a key parameter for the efficiency. Lower DC resistance is
available with a bigger winding area. A good tradeoff between the efficiency and the core size is letting the
inductor copper loss equal 2% of the output power. See Selecting Inductors for Buck Converters for more
information on selecting inductors. A good starting point for most applications is a 10 µH to 22 µH with 1.1 A or
greater current rating for the LM2842-Q1 or a 0.7 A or greater current rating for the LM284x-Q1. Using such a
rating enables the device to current limit without saturating the inductor. This is preferable to the device going
into thermal shutdown mode and the possibility of damaging the inductor if the output is shorted to ground or
other long-term overload.
Table 2. Recommended Inductors
MANUFACTURER
INDUCTOR
CONTACT INFORMATION
Coilcraft
LPS4018, DO1608C, DO3308, and LPO2506 series
www.coilcraft.com
800-3222645
MuRata
LQH55D and LQH66S series
www.murata.com
Coiltronics
MP2 and MP2A series
www.cooperbussman.com
8.2.2.4 Input Capacitor
A low ESR ceramic capacitor (CIN) is needed between the VIN pin and GND pin. This capacitor prevents large
voltage transients from appearing at the input. Use a 2.2-µF to 10-µF value with X5R or X7R dielectric.
Depending on construction, a ceramic capacitor’s value can decrease up to 50% of its nominal value when rated
voltage is applied. Consult with the capacitor manufacturer's data sheet for information on capacitor derating over
voltage and temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com