Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM63 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM63
Description  LM63 ±1°C/±3°C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM63 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM63 Datasheet HTML 4Page - Texas Instruments LM63 Datasheet HTML 5Page - Texas Instruments LM63 Datasheet HTML 6Page - Texas Instruments LM63 Datasheet HTML 7Page - Texas Instruments LM63 Datasheet HTML 8Page - Texas Instruments LM63 Datasheet HTML 9Page - Texas Instruments LM63 Datasheet HTML 10Page - Texas Instruments LM63 Datasheet HTML 11Page - Texas Instruments LM63 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
VIH
VIL
SMBCLK
P
S
VIH
VIL
SMBDAT
tBUF
tHD;STA
tLOW
tR
tHD;DAT
tHIGH
tF
tSU;DAT
tSU;STA
tSU;STO
P
LM63
SNAS190E – SEPTEMBER 2002 – REVISED MAY 2013
www.ti.com
SMBus DIGITAL SWITCHING CHARACTERISTICS
Unless otherwise noted, these specifications apply for VDD = +3.0 VDC to +3.6 VDC, CL (load capacitance) on output lines =
80 pF. Boldface limits apply for TA = TJ; TMIN ≤ TA ≤ TMAX; all other limits TA = TJ = +25°C, unless otherwise noted. The
switching characteristics of the LM63 fully meet or exceed the published specifications of the SMBus version 2.0. The
following parameters are the timing relationships between SMBCLK and SMBDAT signals related to the LM63. They adhere
to, but are not necessarily the same as the SMBus bus specifications.
UNITS
SYMBOL
PARAMETER
CONDITIONS
LIMITS(1)
(LIMIT)
10
kHz (min)
fSMB
SMBus Clock Frequency
100
kHz (max)
tLOW
SMBus Clock Low Time
From VIN(0) max to VIN(0) max
4.7
µs (min)
From VIN(1) min to VIN(1) min
4.0
µs (min)
tHIGH
SMBus Clock High Time
50
µs (max)
tR
SMBus Rise Time
See (2)
1
µs (max)
tF
SMBus Fall Time
See (3)
0.3
µs (max)
tOF
Output Fall Time
CL = 400 pF, IO = 3 mA
250
ns (max)
SMBData and SMBCLK Time Low for Reset of
25
ms (min)
tTIMEOUT
Serial Interface. See (4).
35
ms (max)
tSU:DAT
Data In Setup Time to SMBCLK High
250
ns (min)
300
ns (min)
tHD:DAT
Data Out Hold Time after SMBCLK Low
930
ns (max)
Hold Time after (Repeated) Start Condition. After
tHD:STA
4.0
µs (min)
this period the first clock is generated.
Stop Condition SMBCLK High to SMBDAT Low
tSU:STO
100
ns (min)
(Stop Condition Setup)
SMBus Repeated Start-Condition Setup Time,
tSU:STA
4.7
µs (min)
SMBCLK High to SMBDAT Low
SMBus Free Time between Stop and Start
tBUF
4.7
µs (min)
Conditions
(1)
Limits are specified to AOQL (Average Outgoing Quality Level).
(2)
The output rise time is measured from (VIL max - 0.15 V) to (VIH min + 0.15 V).
(3)
The output fall time is measured from (VIH min + 0.15 V) to (VIL min - 0.15 V).
(4)
Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM63’s SMBus state machine,
therefore setting SMBDAT and SMBCLK pins to a high-impedance state.
Figure 5. SMBus Timing Diagram for SMBCLK and SMBDAT Signals
8
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com