Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS34063CS Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS34063CS
Description  Dc to Dc Converter Controller
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS34063CS Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS34063CS Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS34063CS Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS34063
Dc to Dc Converter Controller
1/10
Version: A07
SOP-8
DIP-8
General Description
TS34063 is a monolithic switching regulator and subsystem intended for use as DC to DC converter. It contains an
internal temperature compensated reference, comparator, controlled duty cycle oscillator with an active peak current
limit circuit, drive and a high current output switch.
The TS34063 is specifically designed to be incorporated in step-up, step-down and voltage inverting converter
applications. TS34063 is offered in SOP-8 and DIP-8 package
Features
●
Power forward control circuit
●
Operating voltage from 3V to 40V
●
Low standby current
●
Current limit adjustable
●
Output switch current up to 1.5A
●
Variable oscillator frequency up to 100kHz (max.)
●
Output voltage adjustable
Pin Description
Name
Description
SC
Switch Collector
SE
Switch Emitter
CT
Timing Capacitor
GND
Ground
COMP.
Comparator Inverting Input
VCC
VCC Collector
IPK
IPK Sense
VDRIVER
Driver
Applications
●
Charger
●
xD-ROM, xDSL products
●
DC to DC converter
Ordering Information
Part No.
Package
Packing
TS34063CD C3
DIP-8
50pcs / Tube
TS34063CS RL
SOP-8
2.5Kpcs / 13” Reel
Block Diagram
Pin Definition:
1. SC
5. Comp
2. SE
6. Vcc
3. CT
7. Ipk
4. Gnd
8. Vdriver


Similar Part No. - TS34063CS

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS34063CS TSC-TS34063CS Datasheet
115Kb / 8P
Dc to Dc Converter Controller
TS34063CSRL TSC-TS34063CSRL Datasheet
353Kb / 10P
Dc to Dc Converter Controller
More results

Similar Description - TS34063CS

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCMC34063A UTC-UTCMC34063A Datasheet
264Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Taiwan Semiconductor Co...
TS34063 TSC-TS34063 Datasheet
115Kb / 8P
Dc to Dc Converter Controller
TS34063A TSC-TS34063A Datasheet
115Kb / 8P
Dc to Dc Converter Controller
logo
List of Unclassifed Man...
TD34063 ETC1-TD34063 Datasheet
980Kb / 9P
DC TO DC CONVERTER CONTROLLER
logo
Wuxi Youda electronics ...
YD34063 YOUDA-YD34063 Datasheet
108Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
GTM CORPORATION
GSC34063 GTM-GSC34063 Datasheet
269Kb / 6P
DC TO DC CONVERTER CONTROLLER
logo
Unisonic Technologies
MC34063A UTC-MC34063A_12 Datasheet
444Kb / 9P
DC TO DC CONVERTER CONTROLLER
UC34163 UTC-UC34163 Datasheet
210Kb / 4P
DC TO DC CONVERTER CONTROLLER
logo
Estek Electronics Co. L...
MC34063 ESTEK-MC34063 Datasheet
529Kb / 10P
DC to DC Converter Controller
logo
Unisonic Technologies
MC34063A UTC-MC34063A Datasheet
409Kb / 9P
DC TO DC CONVERTER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com