Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99CIMM/NOPB Datasheet(PDF) 13 Page - Texas Instruments

Part # LM99CIMM/NOPB
Description  LM99 ±1°C Accurate, High Temperature, Remote Diode Temperature Sensor with Two- Wire Interface
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM99CIMM/NOPB Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM99CIMM/NOPB Datasheet HTML 9Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 10Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 11Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 12Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 13Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 14Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 15Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 16Page - Texas Instruments LM99CIMM/NOPB Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
LM99
www.ti.com
SNIS129D – JANUARY 2003 – REVISED MARCH 2013
OPEN-DRAIN OUTPUTS
The SMBData, ALERT and T_CRIT_A outputs are open-drain outputs and do not have internal pull-ups. A “high”
level will not be observed on these pins until pull-up current is provided by some external source, typically a pull-
up resistor. Choice of resistor value depends on many system factors but, in general, the pull-up resistor should
be as large as possible. This will minimize any internal temperature reading errors due to internal heating of the
LM99. The maximum resistance of the pull-up to provide a 2.1V high level, based on LM99 specification for High
Level Output Current with the supply voltage at 3.0V, is 82 k
Ω (5%) or 88.7 kΩ (1%).
DIODE FAULT DETECTION
The LM99 is equipped with operational circuitry designed to detect fault conditions concerning the remote diode.
In the event that the D+ pin is detected as shorted to VDD or floating, the Remote Temperature High Byte (RTHB)
register is loaded with +127°C, the Remote Temperature Low Byte (RTLB) register is loaded with 0, and the
OPEN bit (D2) in the status register is set. As a result, if the Remote T_CRIT setpoint register (RCS) is set to a
value less than +127°C the ALERT and T_Crit output pins will be pulled low, if the Alert Mask and T_Crit Mask
are disabled. If the Remote HIGH Setpoint High Byte Register (RHSHB) is set to a value less than +127°C then
ALERT will be pulled low, if the Alert Mask is disabled. The OPEN bit itself will not trigger and ALERT.
In the event that the D+ pin is shorted to ground or D
−, the Remote Temperature High Byte (RTHB) register is
loaded with
−128°C (1000 0000) and the OPEN bit (D2) in the status register will not be set. Since operating the
LM99 at
−128°C is beyond it's operational limits, this temperature reading represents this shorted fault condition.
If the value in the Remote Low Setpoint High Byte Register (RLSHB) is more than
−128°C and the Alert Mask is
disabled, ALERT will be pulled low.
Remote diode temperature sensors that have been previously released and are competitive with the LM99 output
a code of 0°C if the external diode is short-circuited. This change is an improvement that allows a reading of 0°C
to be truly interpreted as a genuine 0°C reading and not a fault condition.
COMMUNICATING WITH THE LM99
The data registers in the LM99 are selected by the Command Register. At power-up the Command Register is
set to “00”, the location for the Read Local Temperature Register. The Command Register latches the last
location it was set to. Each data register in the LM99 falls into one of four types of user accessibility:
1. Read only
2. Write only
3. Read/Write same address
4. Read/Write different address
A Write to the LM99 will always include the address byte and the command byte. A write to any register requires
one data byte.
Reading the LM99 can take place either of two ways:
1. If the location latched in the Command Register is correct (most of the time it is expected that the Command
Register will point to one of the Read Temperature Registers because that will be the data most frequently
read from the LM99), then the read can simply consist of an address byte, followed by retrieving the data
byte.
2. If the Command Register needs to be set, then an address byte, command byte, repeat start, and another
address byte will accomplish a read.
The data byte has the most significant bit first. At the end of a read, the LM99 can accept either Acknowledge or
No Acknowledge from the Master (No Acknowledge is typically used as a signal for the slave that the Master has
read its last byte). It takes the LM99 31.25 ms to measure the temperature of the remote diode and internal
diode. When retrieving all 10 bits from a previous remote diode temperature measurement, the master must
insure that all 10 bits are from the same temperature conversion. This may be achieved by using one-shot mode
or by setting the conversion rate and monitoring the busy bit such that no conversion occurs in between reading
the MSB and LSB of the last temperature conversion.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com