Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PW2 Datasheet(PDF) 1 Page - TT Electronics.

Part # PW2
Description  General Purpose Axial Leaded Power Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PW2 Datasheet(HTML) 1 Page - TT Electronics.

  PW2 Datasheet HTML 1Page - TT Electronics. PW2 Datasheet HTML 2Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Purpose Axial Leaded
Power Wirewound Resistor
PW Axial Series
0.10Ω to 30KΩ
2 watts to 25 watts
±10% or ±5% tolerance
TC’s from 300 ppm/°C to +5500 ppm/°C
Lead free, RoHS compliant construction available
Resistors
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
http://www.ttelectronics.com/resistors
BI Technologies IRC Welwyn
General Purpose Axial Leaded
Power Wirewound Resistor 
PW Axial Series
0.10Ω to 30KΩ
2 watts to 25 watts
±10% or ±5% tolerance
TC’s from 300 ppm/°C to +5500 ppm/°C
Lead free, RoHS compliant construction available
PW Series
• 0.10
Ω to 30KΩ
• 2 watts to 25 watts
• ±10% or ±5% tolerance
• TC’s from 300 ppm/°C to +5500 ppm/°C
• Lead free, RoHS compliant construction available
General Purpose Axial Leaded
Power Wirewound Resistor
Type
Power Rating
@ 25°C
(watts)
Standard
Resistance
Range
(ohms)
Standard Temperature
Coefficient
Special Temperature Coefficients
+0.06%/°C
over R range
+0.03%/°C
over R range
+0.55%/°C
over R range
+0.45%/°C
over R range
+0.25%/°C
over R range
PW-2
2
0.15 to 2.4K
0.15 to 0.99
1.0 to 2.4K
0.1 to 30
0.24 to 130
1.0 to 10
PW-3
3
0.1 to 7.5K
0.1 to 0.99
1.0 to 7.5K
0.1 to 86
0.1 to 270
0.24 to 20
PW-5
5
0.1 to 8.5K
0.1 to 0.99
1.0 to 8.5K
0.1 to 68
0.1 to 300
0.27 to 22
PW-7
7
0.1 to 18K
0.1 to 0.99
1.0 to 18K
0.1 to 150
0.15 to 680
1.0 to 51
PW-10
10
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-15
15
0.18 to 30K
0.18 to 0.99
1.0 to 30K
0.1 to 240
0.24 to 1100
1.0 to 82
PW-18
18
0.18 to 22K
0.18 to 0.99
1.0 to 22K
0.1 to 200
0.24 to 1100
1.0 to 70
PW-22
22
0.27 to 18K
0.27 to 1.3
1.5 to 12K
0.15 to 360
0.36 to 1800
1.0 to 120
PW-25
25
0.27 to 18K
0.27 to 1.3
1.5 to 10K
0.15 to 300
0.36 to 1200
1.5 to 100
Electrical Data
Fireproof high
temperature ceramic
case- stand offs
optional
Alloy resistance
wire on fiberglass
substrate
Inorganic
fireproof
encapsulant
Automatically
clamped termination
lead assembly
Type
L ±0.03 (0.8)
W ±0.03 (0.8)
H ±0.03 (0.8) D Dia. ±0.002 (0.05) E ±0.03 (0.8)
LL min.
F (ref.)
(1.6)
(1.6)
(1.6)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
(3.18)
PW-2
PW-3
PW-5
PW-7
PW-10
PW-15
PW-18
PW-22
PW-25
Standard Configuration
L
D
LL
0.125
” Max.
H
W
Alternate Configuration
E
F
Resistors
Make Possible
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
All Pb-free parts comply with EU Directive 2011/65/EU (RoHS2)
OBSOLETE PW-2
See current datasheet for other sizes


Similar Part No. - PW2

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
PW2 MSPI-PW2 Datasheet
57Kb / 1P
Sonalert® Accessory Drawing
logo
List of Unclassifed Man...
PW2-12 ETC2-PW2-12 Datasheet
550Kb / 1P
PW-2 DC Power Supply
logo
SJM Prewell. All Rights...
PW210 SJM-PW210 Datasheet
205Kb / 3P
CATV Amplifier
PW210 SJM-PW210 Datasheet
577Kb / 8P
Wideband Gain Block
PW210-63 SJM-PW210-63 Datasheet
290Kb / 3P
Wideband Amplifier
More results

Similar Description - PW2

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
CCW IRCTT-CCW Datasheet
322Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
PWR101202JLF IRCTT-PWR101202JLF Datasheet
141Kb / 2P
General Purpose Stand-Up Power Wirewound Resistor
SP-201505LF IRCTT-SP-201505LF Datasheet
540Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
SP-201505LF IRCTT-SP-201505LF_08 Datasheet
246Kb / 3P
General Purpose Failsafe Molded Wirewound Resistor
SPH1505LF IRCTT-SPH1505LF Datasheet
563Kb / 2P
GENERAL-PURPOSE FAILSAFE MOLDED WIREWOUND RESISTOR
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
logo
TT Electronics.
CCW TTELEC-CCW Datasheet
300Kb / 3P
Commercial Grade Power Axial Wirewound Resistor
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
WCB SEI-WCB Datasheet
243Kb / 4P
Welded Ceramic Housed Axial Leaded Wirewound Resistor
7/8/2022
WWF SEI-WWF Datasheet
217Kb / 4P
General Purpose Fusing Wirewound Resistor
11/23/2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com