Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS41FLSOT Datasheet(PDF) 2 Page - SEC Electronics Inc.

Part # SS41FLSOT
Description  Hall Latch Position Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECELECTRONICS [SEC Electronics Inc.]
Direct Link  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

SS41FLSOT Datasheet(HTML) 2 Page - SEC Electronics Inc.

  SS41FLSOT Datasheet HTML 1Page - SEC Electronics Inc. SS41FLSOT Datasheet HTML 2Page - SEC Electronics Inc. SS41FLSOT Datasheet HTML 3Page - SEC Electronics Inc. SS41FLSOT Datasheet HTML 4Page - SEC Electronics Inc. SS41FLSOT Datasheet HTML 5Page - SEC Electronics Inc. SS41FLSOT Datasheet HTML 6Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS41F
Hall Latch Position Sensor
2
V2.00
May 1, 2012
General Description
The SS41F is an integrated Hall effect latched sensor
designed for electronic commutation of brush-less DC motor
applications. The device integrates a voltage regulator,
reverse battery protection diode, Hall sensor with dynamic
offset
cancellation
system,
temperature
compensation
circuitry, small signal amplifier, Schmitt trigger and an
open-collector output to sink up to 25 mA.
These Hall-effect switches are monolithic integrated circuits
with tighter magnetic specifications, designed to operate
continuously over extended temperatures to +150°C,and are
more stable with both temperature and supply voltage
changes. If a magnetic flux density larger than threshold Bop,
Output is turned on (low). The output state is held until a
magnetic flux density reversal falls below Brp, causing
Output to be turned off (high).
Thanks to its wide operating voltage range and extended
choice of temperature range, it is quite suitable for use in DC
motor applications.
The device is delivered in a Small Outline Transistor (SOT)
or in a Plastic Single In Line (SIP 3L flat). Both 3-lead
packages are RoHS compliant.
Glossary of Terms
MilliTesla (mT),
Units of magnetic flux density: 1mT = 10 Gauss
RoHS
Restriction of Hazardous Substances
Operating Point (BOP)
Magnetic flux density applied on the branded side of the package which turns the output
driver ON (VOUT = VDSon)
Release Point (BRP)
Magnetic flux density applied on the branded side of the package which turns the output
driver OFF (VOUT = high)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com