Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6362A Datasheet(PDF) 2 Page - STMicroelectronics

Part # L6362A
Description  IO-Link (PHY) device evaluation board based on L6362A with Arduino connectors for STM32 Nucleo
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6362A Datasheet(HTML) 2 Page - STMicroelectronics

  L6362A Datasheet HTML 1Page - STMicroelectronics L6362A Datasheet HTML 2Page - STMicroelectronics L6362A Datasheet HTML 3Page - STMicroelectronics L6362A Datasheet HTML 4Page - STMicroelectronics L6362A Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
1
STEVAL-IOD003V1 schematic diagrams
Figure 1. STEVAL-IOD003V1 circuit schematic (1 of 4)
EN
3
EP
OUTH
11
EN
VDD
R8
IN2
OUT /IQ
R6
100k
1
RED
2
RED
2
SEL
2
R3
2
R7
D5
8
3V3
1
OUTL
IN1
C6
1µF/50V
A
2
3V3
1
D3GREEN
C2
100pF
R1
100k
SW2
2
I/Q
R10
OL
12
5
OUTI/Q
1
Vcc
C1
100pF
C7
100pF (N.M.)
VDD
1
4
C4
100pF
2
C3
47nF
VCC
I/Q
7
default closed 2-3
IN2
IN1
EN/DIAG
OUT I/Q
OL
default closed 2-3
default open
6
VDD
OUTH
1
IN1
D4
1
GND
1
U1
L6362A
C8
470pF (N.M.)
I/Q
SEL
OUTL
VCC
OL
OUTH
R4
R2
100k
IN2
3
SW3
C9
470pF (N.M.)
C5
100pF
9
OUTL
2
10
3V3
JP3
B
DIAG
3
R5
3k3
3k3
330R
1k
1k
2k2
Figure 2. STEVAL-IOD003V1 circuit schematic (2 of 4): Arduino connectors
4
A4
DIAG
R127
DIAG
100R
R134
A1
DI/DQ
6
3
OL
100R(NM)
R126
5
A3
R104
A5
100R(NM)
R114
I2C_SDA
R146
R118
100R(NM)
CN8
A2
2
100R(NM)
DI/DQ
PA1
PC0
DEFAULT
PB0
PC1
PA4
PA0 A0
100R(NM)
1
100R(NM)
DIAG
NRST
R102
CN6
100R (NM)
default open
IN1
5
100R
R112
3V3
6
8
GND
B
3
7
GND
4
5VOL
R147
1
JP6
VIN
IOREF
DEFAULT
2
A
IN1
3V3
3v3
4.7k
100R(NM)
4
5
DIAG
PA2
PA10
DEFAULT
(Note: UART2 TX, ST-LINK)
(Note: UART2 RX, ST-LINK)
R108
100R(NM)
OL
D0
100R(NM)
OL
R145
100R(NM)
D4
INTERRUPT
R135
100R(NM)
R144
2
D1
8
D2
DIAG
3
D6
100R
7
PB10
PB5
PB4
PB3
PA8
PA3
1
CN9
6
R124
D7
D5
D3
OUT I/Q
D11
OL
100R (NM)
9
PA9
PA7
PA5
DEFAULT
DEFAULT
DEFAULT
AVDD
100R(NM)
IN2
10
D9
OL
100R
5
R115
4
100R
100R(NM)
R125
R107
3
R106
R109
I2C_SDA
6
2
D13
R101
D14
CN5
100R(NM)
R105
7
PA6
PB6
PC7
PB9
PB8
100R(NM)
D10
EN
D12
1
100R
R111
IN2
I2C_SCL
D15
8
D8
STEVAL-IOD003V1
STEVAL-IOD003V1 schematic diagrams
DB3634 - Rev 1
page 2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com