Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC128DCZ Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TSC128DCZ
Description  High Voltage Fast-Switching NPN Power Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSC128DCZ Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TSC128DCZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSC128DCZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSC128DCZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSC128DCZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSC128DCZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TSC128D
High Voltage Fast-Switching NPN Power Transistor
2/5
Version: A07
Electrical Specifications (Ta = 25oC unless otherwise noted)
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Static
Collector-Base Voltage
IC =1mA, IB =0
BVCBO
700
--
--
V
Collector-Emitter Breakdown Voltage
IC =10mA, IE =0
BVCEO
400
--
--
V
Emitter-Base Breakdown Voltage
IE =1mA, IC =0
BVEBO
9
--
--
V
Collector Cutoff Current
VCB =700V, IE =0
ICBO
--
--
100
uA
Collector Cutoff Current
VCE =400V, IB =0
ICEO
--
--
250
uA
Emitter Cutoff Current
VEB =7V, IC =0
IEBO
--
--
10
uA
IC =0.5A, IB =0.1A
VCE(SAT)1
--
--
0.7
IC =1A, IB =0.2A
VCE(SAT)2
--
--
1
IC =2.5A, IB =0.5A
VCE(SAT)3
--
--
1.5
Collector-Emitter Saturation Voltage
IC =4A, IB =1A
VCE(SAT)4
--
0.9
--
V
IC =0.5A, IB =0.1A
VBE(SAT)1
--
--
1.1
IC =1A, IB =0.2A
VBE(SAT)2
--
--
1.2
Base-Emitter Saturation Voltage
IC =2.5A, IB =0.5A
VBE(SAT)3
--
--
1.3
V
VCE =5V, IC =10mA
10
--
--
VCE =5V, IC =2A
12
--
32
DC Current Gain
VCE =5V, IC =2.5A
Hfe
8
--
--
Forward Voltage Drop
If =2A
Vf
--
--
2
V
Turn On Time
tON
--
--
0.6
uS
Storage Time
tSTG
2.5
3.0
3.5
uS
Fall Time
VCC =250V, IC =2A,
IB1=IB2=0.4A, tp=25uS
Duty Cycle<1%
tf
--
0.2
0.3
uS
Notes: Pulsed duration =300uS, duty cycle ≤2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com