Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI74VCX16373 Datasheet(PDF) 7 Page - Pericom Semiconductor Corporation

Part # PI74VCX16373
Description  16-Bit Transparent D-Type Latch with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74VCX16373 Datasheet(HTML) 7 Page - Pericom Semiconductor Corporation

  PI74VCX16373 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74VCX16373 Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
PS8326C
10/27/06
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI74VCX16373
16-Bit Transparent D-Type Latch
with 3-State Outputs
Test Circuits and Switching Waveforms
Parameter Measurement Information (VDD = 1.8V - 3.6V)
Setup, Hold, and Release Timing
Pulse Width
Switch Position
Propagaton Delay
Enable Disable Timing
Data
Input
tH
VDD
tSU
0V
Timing
Input
VDD
0V
VDD/2
VDD/2
Low-High-Low
Pulse
tW
High-Low-High
Pulse
VDD
0V
VDD
0V
VDD/2
VDD/2
Input
Opposite Phase
Input Transition
tPLH
tPHL
tPLH
tPHL
VDD
0V
VDD
VOL
VDD
0V
Output
VDD/2
VDD/2
VDD/2
Output
Control
(Active LOW)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPLZ
VDD
0V
VDD
VOL
0V
Output
Waveform 1
S1 at 2xVDD
(see Note B)
+0.15V
-0.15V
VOH
VDD
tPHZ
tPZH
VDD/2
VDD/2
VDD/2
CL
R1
500
Ω
30pF
From Output
Under Test
GND
2 x VDD
Open
(See Note A)
RL
500
Ω
t
s
e
T1
S
t D
P
n
e
p
O
t
Z
L
P
t
/
L
Z
P
V
x
2
D
D
t
Z
H
P
t
/
H
Z
P
D
N
G
Notes:
A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that
the output is LOW except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that
the output is HIGH except when disabled by the output control.
•
All input pulses are supplied by generators having the
following characteristics: PRR
≤ 10 MHz, ZO = 50Ω, tR ≤ 2ns, tF ≤ 2ns,
measured from 10% to 90%, unless otherwise specified.
•
The outputs are measured one at a time with one transition per
measurement.
06-0203



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com