Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STI1010 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STI1010
Description  Single-chip worldwide iDTV processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI1010 Datasheet(HTML) 4 Page - STMicroelectronics

  STI1010 Datasheet HTML 1Page - STMicroelectronics STI1010 Datasheet HTML 2Page - STMicroelectronics STI1010 Datasheet HTML 3Page - STMicroelectronics STI1010 Datasheet HTML 4Page - STMicroelectronics STI1010 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
STi1010
4/5
Package: The STi1010 uses a FPBGA 27 × 27, 700 balls, 4L package.
2
Revision history
Table 1.
Package information
Package Type
FPBGA
Unit
body size
27 × 27
mm
ball pitch
0.8
mm
ball count
700
balls
ball matrix
32 × 32
balls
substrate
4
layers
Table 2.
Document revision history
Date
Revision
Changes
18-Dec-2007
1
Initial release.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com