Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13003 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST13003
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003 Datasheet(HTML) 2 Page - STMicroelectronics

  ST13003_V01 Datasheet HTML 1Page - STMicroelectronics ST13003_V01 Datasheet HTML 2Page - STMicroelectronics ST13003_V01 Datasheet HTML 3Page - STMicroelectronics ST13003_V01 Datasheet HTML 4Page - STMicroelectronics ST13003_V01 Datasheet HTML 5Page - STMicroelectronics ST13003_V01 Datasheet HTML 6Page - STMicroelectronics ST13003_V01 Datasheet HTML 7Page - STMicroelectronics ST13003_V01 Datasheet HTML 8Page - STMicroelectronics ST13003_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical ratings
ST13003, ST13003-K
2/10
DocID13533 Rev 5
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
CES
Collector-emitter voltage (V
BE
= 0)
700
V
V
CEO
Collector-emitter voltage (I
B
= 0)
400
V
V
EBO
Emitter-base voltage (I
C
= 0, I
B
= 0.75 A, t
P
< 10 μs)
V
(BR)EBO
V
I
C
Collector current
1.5
A
I
CM
Collector peak current (t
P
< 5 ms)
3
A
I
B
Base current
0.75
A
I
BM
Base peak current (t
P
< 5 ms)
1.5
A
P
TOT
Total dissipation at T
C
= 25 °C
40
W
T
STG
Storage temperature
-55 to 150
°C
T
J
Operating junction temperature
-40 to 150
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thJC
Thermal resistance junction-case max.
3.1
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com