Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST13003-K Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST13003-K
Description  High voltage fast-switching NPN power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST13003-K Datasheet(HTML) 3 Page - STMicroelectronics

  ST13003-K Datasheet HTML 1Page - STMicroelectronics ST13003-K Datasheet HTML 2Page - STMicroelectronics ST13003-K Datasheet HTML 3Page - STMicroelectronics ST13003-K Datasheet HTML 4Page - STMicroelectronics ST13003-K Datasheet HTML 5Page - STMicroelectronics ST13003-K Datasheet HTML 6Page - STMicroelectronics ST13003-K Datasheet HTML 7Page - STMicroelectronics ST13003-K Datasheet HTML 8Page - STMicroelectronics ST13003-K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID13533 Rev 5
3/10
ST13003, ST13003-K
Electrical characteristics
10
2
Electrical characteristics
T
case
= 25 °C unless otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
I
CES
Collector cut-off current
(V
BE
= 0)
V
CE
= 700 V
V
CE
= 700 V
T
C
= 125 °C
1
5
mA
mA
V
(BR)EBO
Emitter-Base breakdown
voltage (I
C
= 0)
I
E
= 10 mA
9
18
V
V
CEO(sus)
(1)
1.
Pulsed duration = 300 μs, duty cycle
≤ 1.5%
Collector-emitter
sustaining voltage (I
B
= 0)
I
C
= 10 mA
400
V
V
CE(sat)
(1)
Collector-emitter
saturation voltage
I
C
= 0.5 A
_ I
B
= 0.1 A
I
C
= 1 A
_
_ I
B
= 0.25 A
I
C
= 1.5 A
_
_ I
B
= 0.5 A
0.5
1
1.5
V
V
V
V
BE(sat)
(1)
Base-emitter saturation
voltage
I
C
= 0.5 A
_ I
B
= 0.1 A
I
C
= 1 A
_
_ I
B
= 0.25 A
1
1.2
V
V
h
FE
DC current gain
I
C
= 0.5 A
V
CE
= 2 V
I
C
= 1 A
V
CE
= 2 V
8
5
20
25
t
r
t
s
t
f
Resistive load
Rise time
Storage time
Fall time
V
CC
= 125 V
I
C
= 1 A
I
B1
= 0.2 A
I
B2
= - 0.2 A
t
p
= 25 μs
1
4
0.7
μs
μs
μs
t
s
Inductive load
Storage time
I
C
= 1 A
I
B1
= 0.2 A
V
BE
= - 5 V
L = 50 mH
V
Clamp
= 300 V
0.8
μs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com