Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TO218 Datasheet(PDF) 1 Page - ABL Aluminium Components Ltd

Part # TO218
Description  Board Mount PPN Heat Sinks
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABL [ABL Aluminium Components Ltd]
Direct Link  https://www.ablcomponents.co.uk/
Logo ABL - ABL Aluminium Components Ltd

TO218 Datasheet(HTML) 1 Page - ABL Aluminium Components Ltd

  TO218 Datasheet HTML 1Page - ABL Aluminium Components Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Board Mount PPN Heat Sinks
 Length 
 Part Number 
 Without Pins 
 Clip 
 Thermal Rating 
°C/W
Stock
 Category 
50.0
PPN0500B
02
5.00
A
75.0
PPN0750B
02
3.70
A
100.0
PPN1000B
02
3.10
A
150.0
PPN1500B
02
2.30
A
This heatsink is suitable
for use with device(s):
TO220, TO218, TO247
All dimensions shown are subject to commercial tolerances. Details of individual tolerances and fully dimensioned drawings available on request.
Where a device is shown it is for illustrative purposes only. The heatsink is supplied without a device. Most board mount and bga heatsinks are supplied black anodised to assist
thermal performance.
Thermal Resistance is calculated based on a distributed heat load on anodised heatsink with vertically mounted fins based on a 60ºC temperature rise. Under general operating
conditions the thermal mounting arrangement of devices is not known and therefore the figures should be used only as a guide to selection.
We recommend that the effectiveness of any heatsink is tested in the specific operating environment in which it will be subjected.
All information is for reference purposes only.


Similar Part No. - TO218

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
TO220 GMT-TO220 Datasheet
127Kb / 1P
Package Outline
logo
Alpha & Omega Semicondu...
TO220 AOSMD-TO220 Datasheet
98Kb / 1P
CONTROLLING DIMENSION IS MILLIMETER
logo
List of Unclassifed Man...
TO220AB ETC-TO220AB Datasheet
24Kb / 1P
PACKAGE MECHANICAL DATA
logo
STMicroelectronics
TO220AC STMICROELECTRONICS-TO220AC Datasheet
99Kb / 5P
FAST RECOVERY RECTIFIER DIODE
Oct-1999
logo
Fairchild Semiconductor
TO220AC FAIRCHILD-TO220AC Datasheet
145Kb / 6P
8A, 1200V Stealth??Diode
More results

Similar Description - TO218

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
Powerline Heat-Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
634-10ABP ETC2-634-10ABP Datasheet
922Kb / 20P
BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
PF185G ETC2-PF185G Datasheet
51Kb / 1P
UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
Standard Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com