Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG47115 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # SLG47115
Description  GreenPAK Programmable Mixed-Signal Matrix with High Voltage Features
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG47115 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button SLG47115 Datasheet HTML 35Page - Renesas Technology Corp SLG47115 Datasheet HTML 36Page - Renesas Technology Corp SLG47115 Datasheet HTML 37Page - Renesas Technology Corp SLG47115 Datasheet HTML 38Page - Renesas Technology Corp SLG47115 Datasheet HTML 39Page - Renesas Technology Corp SLG47115 Datasheet HTML 40Page - Renesas Technology Corp SLG47115 Datasheet HTML 41Page - Renesas Technology Corp SLG47115 Datasheet HTML 42Page - Renesas Technology Corp SLG47115 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 255 page
background image
R19DS0118EU0119 Rev.1.19
Page 39
Sep 16, 2024
SLG47115 Datasheet
3.15 ACMP Specifications
Table 26. ACMP Specifications at TA = -40 °C to +85 °C, VDD = 2.3 V to 5.5 V Unless Otherwise Noted
Symbol
Parameter
Note
Condition
Min
Typ
Max
Unit
VACMP
ACMP input voltage
range
Positive input
--
0--
VDD
V
Negative input
0
--
VDD
V
Voffset
ACMP input offset[2]
ACMPxH Vhys = 0 mV,
Gain = 1,
Vref = 32 mV to 2016 mV
TJ = -40 °C to 85 °C
-8.0
--
6.5
mV
TJ = -40 °C to 150 °C
-9.8
--
7.2
mV
tstart
ACMP startup time
ACMPxH power-on delay,
Minimal required wake time
for the "Wake and Sleep
function"
TJ = -40 °C to 85 °C
--
--
32.0
µs
TJ = -40 °C to 150 °C
--
--
32.7
µs
VHYS
ACMPxH
Built-in
hysteresis[1][2]
VHYS = 32 mV
TJ = -40 °C to 85 °C
30.0
--
35.0
mV
VHYS = 64 mV
61.5
--
66.0
mV
VHYS = 192 mV
187.0
--
197.0
mV
VHYS = 32 mV
TJ = -40 °C to 150 °C
29.0
--
36.0
mV
VHYS = 64 mV
60.5
--
67.0
mV
VHYS = 192 mV
186.0
--
198.0
mV
Rsin
Series input
resistance
Gain = 1x
--
--
10
--
G
Gain = 0.5x
1.7
--
2.4
M
Gain = 0.33x
1.7
--
2.4
M
Gain = 0.25x
1.7
--
2.4
M
PROP
Propagation Delay,
Response time
ACMPxH, Vref =1.024 V,
Gain = 1,
Overdrive = 100 mV
LOW to HIGH,
TJ = -40 °C to 85 °C
--
0.51
1.50
µs
HIGH to LOW,
TJ = -40 °C to 85 °C
--
0.51
0.80
µs
ACMPxH, Vref =
0.032 V to 2.016 V,
Gain = 1,
Overdrive = 100 mV
LOW to HIGH,
TJ = -40 °C to 85 °C
--
0.53
1.50
µs
HIGH to LOW,
TJ = -40 °C to 85 °C
--
0.52
1.10
µs
ACMPxH, Vref =
1.024 V,
Gain = 1,
Overdrive = 100 mV
LOW to HIGH,
TJ = -40 °C to 150 °C
--
0.51
1.50
µs
HIGH to LOW,
TJ = -40 °C to 150 °C
--
0.51
0.80
µs
PROP
Propagation Delay,
Response time
ACMPxH, Vref =
0.032 V to 2.016 V,
Gain = 1,
Overdrive = 100 mV
LOW to HIGH,
TJ = -40 °C to 150 °C
--
0.53
1.50
µs
HIGH to LOW,
TJ = -40 °C to 150 °C
--
0.52
1.20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com