Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51002 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # SLG51002
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switches
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51002 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button SLG51002_V01 Datasheet HTML 17Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 18Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 19Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 20Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 21Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 22Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 23Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 24Page - Renesas Technology Corp SLG51002_V01 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
SLG51002
PMIC with High PSRR, Low Noise, Multi-Output LDOs
and Integrated Load Switches
Datasheet
Revision 3.11
25-Jul-2023
CFR0011-120-00
21 of 36
© 2023 Renesas Electronics Corporation
3.8
LDO_HC Characteristics
The characteristics for the LDOs in Load Switch Mode are given in Section 3.9.1.
Table 11: LDO_HC (LDO4 and 5) Electrical Characteristics
Parameter
Description
Conditions
Min
Typ
Max
Unit
External Electrical Conditions
VIN
Input voltage
1.7
3.8
5
V
COUT
Output capacitance
Effective capacitance after
derating
0.45
2.2
20
μF
IOUT_MAX
Maximum output current
VOUT drops 50 mV
Note 1
500
mA
Programmable Conditions
VOUT
Selectable output voltage
1.2
3.3
3.75
V
VOUT_LSB
LSB of output voltage
programming DAC (8-bit
control)
10
mV
SR
Slew rate, programmable to
(1, 2.5, 5, 7.5, 10, 12.5, 25,
50, 100) mV/us
Note 2
VOUT = VOUT (Typ)
1
100
mV/μs
IOUT_STARTUP
_LIM
Start-up current limit,
programmable in 12 mA
steps
Note 3
At 90 % VOUT
30
550
970
mA
IOUT_FUNC_LI
M
Functional current limit,
programmable in 12 mA
steps
Note 3
30
550
970
mA
RPD_OFF
Output pull down resistance,
programable to (38, 43, 50,
60, 75, 100, 150, 300) Ohm
VOUT = 0.5 V
LDO disabled
38
300
Ω
Electrical Performance
Static Parameters
VOUT_PP
Part to part output voltage
accuracy
Note 4
IOUT = 1 mA
TA = 25 °C
-10
Note 5
10
Note 5
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com