Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLG51003 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # SLG51003
Description  PMIC with High PSRR, Low Noise, Multi-Output LDOs and Integrated Load Switch
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SLG51003 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button SLG51003 Datasheet HTML 9Page - Renesas Technology Corp SLG51003 Datasheet HTML 10Page - Renesas Technology Corp SLG51003 Datasheet HTML 11Page - Renesas Technology Corp SLG51003 Datasheet HTML 12Page - Renesas Technology Corp SLG51003 Datasheet HTML 13Page - Renesas Technology Corp SLG51003 Datasheet HTML 14Page - Renesas Technology Corp SLG51003 Datasheet HTML 15Page - Renesas Technology Corp SLG51003 Datasheet HTML 16Page - Renesas Technology Corp SLG51003 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 72 page
background image
SLG51003 Datasheet
R16DS0379EU0100, Rev. 1.00
Sep 12, 2024
Page 13
3.5.2.
Logic IO Specifications
VDD = 2.8 V to 5.0 V, TA = -
40 °C to +85 °C, typical values are at TA = +25 °C, unless otherwise specified.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
GPIO1 to GPIO3
High-Level Input Voltage
VIH
Digital Input without Schmitt Trigger Mode[1]
0.7 x
VDDIO
-
-
V
Digital Input with Schmitt Trigger Mode [1]
0.8 x
VDDIO
-
-
Low Voltage Digital Input Mode [1]
1.25
-
-
Ultra-Low Voltage Digital Input Mode [1]
1.05
-
-
Low-Level Input Voltage
VIL
Digital Input without Schmitt Trigger Mode[1]
-
-
0.3 x
VDDIO
V
Digital Input with Schmitt Trigger Mode [1]
-
-
0.2 x
VDDIO
Low Voltage Digital Input Mode [1]
-
-
0.5
Ultra-Low Voltage Digital Input Mode [1]
-
-
0.45
High-Level Output Voltage
VOH
Push-Pull, PMOS OD, IOH = 100 µA,
VDD = 2.8 V, VDDIO = 1.2 V
1.18
-
-
V
Push-Pull, PMOS OD, IOH = 100 µA,
VDD = 2.8 V, VDDIO = 1.8 V
1.6
-
-
Push-Pull, PMOD OD, IOH = 1 mA,
VDD = 2.8 V, VDDIO = 2.8 V
2.71
-
-
Push-Pull, PMOS OD, IOH = 3 mA,
VDD = 3.8 V, VDDIO = 3.8 V
3.17
-
-
Push-Pull, PMOS OD, IOH = 5 mA,
VDD = 5.0 V, VDDIO = 5.0 V
4.19
-
-
Low-Level Output Voltage
VOL
Push-Pull, IOL = 100 µA,
VDD = 2.8 V, VDDIO = 1.2 V
-
-
0.005
V
Push-Pull, IOL = 100 µA,
VDD = 2.8 V, VDDIO = 1.8 V
-
-
0.005
Push-Pull, IOL = 1 mA,
VDD = 2.8 V, VDDIO = 2.8 V
-
-
0.05
Push-Pull, IOL = 3 mA,
VDD = 3.8 V, VDDIO = 3.8 V
-
-
0.13
Push-Pull, IOL = 5 mA,
VDD = 5.0 V, VDDIO = 5.0 V
-
-
0.18
NMOS OD, IOL = 100 µA,
VDD = 2.8 V, VDDIO = 1.2 V
-
-
0.004
NMOS OD, IOL = 100 µA,
VDD = 2.8 V, VDDIO = 1.8 V
-
-
0.004
NMOS OD, IOL = 1 mA,
VDD = 2.8 V, VDDIO = 2.8 V
-
-
0.04



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com