Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9511RQGJ Datasheet(PDF) 13 Page - uPI Group Inc.

Part # P9511RQGJ
Description  8/7/6/5/4/3/2/1-Phase Synchronous-Rectified Buck Controller for Next Generation GPU Core Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

P9511RQGJ Datasheet(HTML) 13 Page - uPI Group Inc.

Back Button P9511RQGJ Datasheet HTML 9Page - uPI Group Inc. P9511RQGJ Datasheet HTML 10Page - uPI Group Inc. P9511RQGJ Datasheet HTML 11Page - uPI Group Inc. P9511RQGJ Datasheet HTML 12Page - uPI Group Inc. P9511RQGJ Datasheet HTML 13Page - uPI Group Inc. P9511RQGJ Datasheet HTML 14Page - uPI Group Inc. P9511RQGJ Datasheet HTML 15Page - uPI Group Inc. P9511RQGJ Datasheet HTML 16Page - uPI Group Inc. P9511RQGJ Datasheet HTML 17Page - uPI Group Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
uP9511R
13
uP9511R-DS-F0000, Oct. 2017
www.upi-semi.com
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
C
t
s
e
Tn
i
Mp
y
Tx
a
Mt
i
n
U
t
u
p
n
I
y
l
p
p
u
S
d
l
o
h
s
e
r
h
T
R
O
P
C
C
V
5R
O
P
C
C
V
5
g
n
i
s
i
r
C
C
V
54
3
.
45
.
4V
s
i
s
e
r
e
t
s
y
H
R
O
P
C
C
V
5S
Y
H
R
O
P
_
C
C
V
5
-
-0
0
3-
-V
m
t
n
e
r
r
u
C
y
l
p
p
u
SI
C
C
V
5
g
n
i
h
c
t
i
w
s
o
N
,
h
g
i
h
N
E-
-5
.
4-
-A
m
t
n
e
r
r
u
C
n
w
o
d
t
u
h
SI
D
S
V
0
=
N
E-
-0
5
2-
-A
u
g
n
i
r
o
t
i
n
o
M
e
g
a
t
l
o
V
t
u
p
n
I
e
g
a
t
S
r
e
w
o
P
e
g
n
a
r
g
n
i
r
o
t
i
n
o
m
N
O
M
N
I
V
7
.
0-
-6
.
2V
d
l
o
h
s
e
r
h
T
g
n
i
s
i
R
N
O
M
N
I
VV
N
O
M
N
I
V
-
-5
.
0-
-V
s
i
s
e
r
e
t
s
y
H
N
O
M
N
I
VV
S
Y
H
_
N
O
M
N
I
V
-
-0
0
1-
-V
m
l
o
r
t
n
o
C
e
l
b
a
n
E
d
l
o
h
s
e
r
h
T
w
o
L
c
i
g
o
LV
N
E
_
L
I
-
--
-2
.
0V
d
l
o
h
s
e
r
h
T
h
g
i
H
c
i
g
o
LV
N
E
_
H
I
4
.
0-
--
-V
e
g
a
t
l
o
V
F
E
R
V
V
2
y
c
a
r
u
c
c
A
e
g
a
t
l
o
V
F
E
R
VV
F
E
R
8
9
.
12
2
0
.
2V
t
n
e
r
r
u
C
g
n
i
c
r
u
o
S
F
E
R
VI
F
E
R
0
1-
--
-A
m
)
N
I
F
E
R
(
e
g
a
t
l
o
V
t
u
p
n
I
e
c
e
n
e
r
e
f
e
R
d
l
o
h
s
e
r
h
T
e
l
b
a
s
i
D
N
I
F
E
RV
B
S
D
_
N
I
F
E
R
-
--
-1
.
0V
e
g
n
a
R
e
g
a
t
l
o
V
e
c
n
e
r
e
f
e
R
l
a
n
r
e
t
x
EV
N
I
F
E
R
2
.
0-
-2
V
r
e
f
f
u
B
D
I
V
M
W
P
l
e
v
e
L
w
o
L
t
u
p
n
i
D
I
VV
D
I
V
_
L
I
-
--
-6
.
0V
l
e
v
e
L
h
g
i
H
t
u
p
n
i
D
I
VV
D
I
V
_
H
I
2
.
1-
--
-V
y
a
l
e
D
e
t
a
t
s
-
i
r
T
D
I
VT
D
I
V
_
I
R
T
-
-0
0
1-
-s
n
e
c
n
a
t
s
i
s
e
R
e
c
r
u
o
S
J
D
A
F
E
RR
C
R
S
_
F
B
I
C
R
S
A
m
1
=-
-0
2-
-
Ω
e
c
n
a
t
s
i
s
e
R
k
n
i
S
J
D
A
F
E
RR
K
N
S
_
F
B
I
K
N
I
S
A
m
1
=-
-0
2-
-
Ω
r
o
t
a
l
l
i
c
s
O
e
g
n
a
R
y
c
n
e
u
q
e
r
F
n
o
i
t
a
r
e
p
OF
W
S
0
0
2-
-0
0
6z
H
k
y
c
c
a
r
u
c
c
A
y
c
n
e
u
q
e
r
F
n
o
i
t
a
r
e
p
OR
6
G
O
R
P
k
3
3
=
Ω
0
7
20
0
30
3
3z
H
k
e
g
a
t
l
o
V
t
u
p
t
u
O
6
G
O
R
P
-
-2
.
1-
-V
t
r
a
t
S
-
t
f
o
S
t
n
e
r
r
u
C
t
r
a
t
S
-
t
f
o
Ss
s
I
)
d
o
i
r
e
p
t
r
a
t
s
-
t
f
o
s
g
n
i
r
u
d
(
l
a
m
r
o
N-
-3
1-
-
A
u
t
n
e
i
s
n
a
r
T
N
I
F
E
R-
-0
2
2-
-
e
m
i
T
n
o
i
t
a
z
il
a
i
t
i
n
IT
T
I
N
I
V
0
m
o
r
f
p
u
t
r
a
t
S
t
u
o
V
o
t
h
g
i
h
N
E-
-1
.
1-
-s
m
Electrical Characteristics
(5VCC = 5V, T
A = 25
OC, unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com