Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT200 Datasheet(PDF) 2 Page - Alfatronix Ltd

Part # PT200
Description  PowerTector Series Low Voltage Disconnect
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALFATRONIX [Alfatronix Ltd]
Direct Link  https://www.alfatronix.com/
Logo ALFATRONIX - Alfatronix Ltd

PT200 Datasheet(HTML) 2 Page - Alfatronix Ltd

  PT200 Datasheet HTML 1Page - Alfatronix Ltd PT200 Datasheet HTML 2Page - Alfatronix Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Input voltage range
9-32Vdc (Automatic Referencing)
Output voltage
Equal to input voltage when operating (maximum of 100mV drop across terminals)
Transient over current rating (% of
continuous value)
110% for 10s
200% for 1s
300% for <0.5ms
On over current shut down there is a retry every 30s
Quiescent current when shutdown
(when running)
Typ 2mA @13.6V, (PT40/60 Typ 4mA @13.6V) (PT100/200 Typ 6mA @13.6V)
Isolation
>400Vrms between input, output and case
Transient voltage protection
Meets ISO7637-2 International standard for 24V vehicles
Electrostatic voltage protection
Meets ISO10605, ISO14892, >8kV contact, 15kV discharge
Operating temperature
-25ºC to +60ºC to meet this specification table
Storage temperature
-25ºC to +100ºC
Ingress protection
IP65
Casework
E coated aluminium, glass filled polycarbonate
Connections
PT10/20 Insulated 6.3mm push-on flat blade connectors
PT40/60 M6 ring tongues
PT100/200 M10 ring tongues and switch for additional over ride connection
6.3mm push-in flat blade connectors for earth, program, switch, override and alarm
Programming lead provided
Output indicator
Green LED adjacent to output terminals (for programming and output indication)
Mounting method
PT10/20 tie wrap to wiring
PT40/60/100/200 3off pozi screws
Safe area protection: over current
Limited by current sensing circuit
Over heat
Limited by temperature sensing circuit
Transients
Protected by filters and rugged component selection
Catastrophic protection
Set by external input fuse (set by application demands) and ground line fuse 1A
Approvals (pending)
2004/108/EC The general EMC directive
Regulation 10.04 The automotive directive
93/68/EEC The CE marking directive
Markings (pending)
CE and E marked
Made in the European Union by Alfatronix Ltd, Great Britain
EU-EN-PV-0710
GB
Part Number
Power
Input Voltage
Dimensions
Weight
PT10
10A continuous
9Vdc-32Vdc (Automatic Referencing)
155 x 30 x 15mm
45g
PT20
20A continuous
9Vdc-32Vdc (Automatic Referencing)
155 x 30 x 15mm
45g
PT40
40A continuous
9Vdc-32Vdc (Automatic Referencing)
76 x 78 x 33mm
155g
PT60
60A continuous
9Vdc-32Vdc (Automatic Referencing)
76 x 78 x 33mm
155g
PT100
100A continuous
9Vdc-32Vdc (Automatic Referencing)
124 x 97 x 51mm
530g
PT200
200A continuous
9Vdc-32Vdc (Automatic Referencing)
124 x 97 x 51mm
530g
Choose your PowerTector Product
Technical Data
Alfatronix Limited, 29 Newtown Business Park, Poole, Dorset, BH12 3LL, England
Telephone: +44 (0)1202 715517. Fax: +44 (0)1202 715122
Website: www.alfatronix.com E mail: sales@alfatronix.com
An ISO9001:2000 Registered Company



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com