Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTE Datasheet(PDF) 13 Page - Autonics Corporation

Part # PTE
Description  TOWER & SIGNAL LIGHTS CONTROL SWITCHES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PTE Datasheet(HTML) 13 Page - Autonics Corporation

Back Button PTE Datasheet HTML 9Page - Autonics Corporation PTE Datasheet HTML 10Page - Autonics Corporation PTE Datasheet HTML 11Page - Autonics Corporation PTE Datasheet HTML 12Page - Autonics Corporation PTE Datasheet HTML 13Page - Autonics Corporation PTE Datasheet HTML 14Page - Autonics Corporation PTE Datasheet HTML 15Page - Autonics Corporation PTE Datasheet HTML 16Page - Autonics Corporation PTE Datasheet HTML 17Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
www.AutonicsOnline.com
1.866.86.60
1
Part
Part #
Description
MAP-0022
Ø0mm, 0.87 in ( mm) pole
MAP-0240
Ø0mm, 9.45 in (40 mm) pole
MAP-0750
Ø0mm, 9.5 in (750 mm) pole
MAP-1000
Ø0mm, 9.7 in (1000 mm) pole
MAM-B070
Ø70mm Plastic Base
MAM-B090
Ø90mm Plastic Base
MAP-M043
Ø0mm, 1.69 in (4 mm)
threaded pole with 1 nut
MAP-M240
Ø0mm, 9.45 in (40 mm)
threaded pole with  nuts
MAP-M750
Ø0mm, 9.5 in (750 mm)
threaded pole with 1 nut
 MAM-DS23-20 Aluminum Base
Pole Mounting with Base
Mounting
Pole
Plactic Base
Part
Part #
Description
MAP-M043
Ø0mm, 1.69 in (4 mm)
threaded pole with 1 nut
MAP-M240
Ø0mm, 9.45 in (40 mm)
threaded pole with  nuts
MAP-M750
Ø0mm, 9.5 in (750 mm)
threaded pole with 1 nut
 MAM-DS25 L-angle Bracket
L-angle Mounting with Bracket
 Threaded
Pole
L-angle
Bracket
Part
Part #
Description
MAP-0022
Ø0mm, 0.87 in ( mm) pole
MAP-0240
Ø0mm, 9.45 in (40 mm) pole
MAP-0750
Ø0mm, 9.5 in (750 mm) pole
MAP-1000
Ø0mm, 9.7 in (1000 mm) pole
MAM-B070
Plastic Base
MAM-DS30-BLK Plastic Wall Mounting Bracket,
Black (Pole & Base required)
MAM-DS30-BGE Plastic Wall Mounting Bracket,
Beige (Pole & Base required)
MAM-DS40-BLK Plastic Wall Mounting Bracket,
Black (Pole required)
MAM-DS40-BGE Plastic Wall Mounting Bracket,
Beige (Pole required)
MAM-DS28
Metal Wall Mounting Bracket
(Pole & Base required)
Wall Mounting with Bracket
Mounting
Pole
 Base
Wall
Mounting
Bracket
Mounting
Pole
Wall
Mounting
Bracket
MAM-DS25
MAM-DS23-20
MAP-M043
MAP-M240
MAP-M750
MAM-B070
MAP-0022
MAP-0240
MAP-0750
MAP-1000
MAM-DS30
MAM-DS40
MAM-B090
MAM-DS28
 Aluminum
Base
 Threaded
Pole
MAP-M043
MAP-M240
MAP-M750
MAP-NPT1/2
NPT Mounting
with NPT Adaptor
See
Page 14 for Dimensions.
TOWER LIGHT MOUNTING OPTIONS
PTE PTM PRE PME PAE MT5C/8C MT4B/5B/8B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com