Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LV1CPV-R1/8 Datasheet(PDF) 2 Page - Autonics Corporation

Part # PSAN-LV1CPV-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LV1CPV-R1/8 Datasheet(HTML) 2 Page - Autonics Corporation

  PSAN-LV1CPV-R1/8 Datasheet HTML 1Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 2Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 3Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 4Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LV1CPV-R1/8 Datasheet HTML 9Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
A,1
Ql_mmol_ T_hmil
Jw3Knq b`kbtk`shmf @?9llMf `r jT` C
Fbbnqchmf sn `anud bg`qs5 :llMf hr 97:<<<;;jT`5 sgdqdenqd @?9llMf vhkk ad @?9{97:<<<;;jT`E:9:7<;=@;jT`7
0_KU
0_[Z.y
0aaD[
0aaD1J
0dg]
0]bD[
KU
_KU
HKU
aaD[
dg]
VUf
0///-///
87/55-43
022-211257
8-7/554
5783-646
aaD1J
hc
Zfca
0KU
_[Z.y
]bD[
0/////-/
2275-306
0
87-/55432
/-022211
/-//87/
5-78382
0//-////
2-275277
/-//0///
/-/87/5
/-///022
/-//578
/-0/////
/-//2275
/-/0/086
0
/-//0248
/-////88
/-/6/2/6
0-/08578
/-/23421
6-4//505
624-4484
0
/-/624467
40-6052/
64/-/51
14-3//11
0/0-8578
0////-1/
02-4843
0
6/2-/6
0/085-78
234-20738
/-034/27
03-11223
/-/08225
/-//031
0
03-4/228
/-380047
/-/0////
/-87/554
/-//0222
/-////87
/-/57836
0
/-/22752
/-1842
17-84767
/-/2826/
/-//1784
1-/25/63
18-41887
0
-RTR nodm bnkkdbsnq ntsots w Q`w7 rhmj btqqdmsCQ`w7 :99lF5 Fookhdc unks`fdCQ`w7 <9YIH5 Udrhct`k unks`fdCQ`w7 :Y
-TRT nodm bnkkdbsnq ntsots w Q`w7 rntqbd btqqdmsCQ`w7 :99lF5 Udrhct`k unks`fdCQ`w7 ;Y
-Stsots unks`fdC:6>YIH z;0 K7V -Phmd`qCZhsghm z:0 K7V -Stsots hlodc`mbdC :j/
-]dqn onhmsCZhsghm :YIH z;0 K7V -Vo`mCZhsghm=YIH z;0 K7V
-UdrnktshnmC:8;59992dpt`k sn chrok`x qdrnktshnm3 -Udronmrd WhldC>9lr
= chfhs PJI @rdfldms
_KU
_[Z.Wa|
VUf
dg]
aaD[
]bD[
aaD1J
-Qh_og[nc] nsj_ w Kqnms b`rd C TH5 Ud`q b`rd C TH5 Tqdrrtqd onqs C Rhbjdk Tk`sdc Gq`rr
-Gfoc^ nsj_ w Kqnms b`rd C TH5 Ud`q b`rd C TF?5 Tqdrrtqd onqs C VXV<:?P
-Stsots btqqdmsC=6;9lF z;0 K7V -Phmd`qCZhsghm z:0 K7V -]dqn6onhmsCZhsghm =lF z;0 K7V
-Vo`mCZhsghm:?lF z;0 K7V -UdrnktshnmC:8;59992dpt`k sn chrok`x qdrnktshnm3 -Udronmrd WhldC@9lr
NT=92NJH rodbhehb`shnm3
97:
9799:
9799:
-
-
-
97:
-
-
-
979:
97=
979;
-
97:
9799:
9799:
-
-
-
-
-
-
-
979:
-
-
-
:
979:
979:
-
-
-
-
-
-
-
97:
-
-
-
-
-
-
-
-
-
-
97:
9799:
9799:
979;
97A
979<
97:
:999
;999
:999
;999
:999
;999
:999
;999
yQl_mmol_ ]ihp_lmcih ]b[ln
yTj_]c`c][ncihm
~K7V C U`sdc oqdrrtqd7
~.v7/ 2T3hr TRT ntsots sxod5 * ne lncdk m`ld hr `r oqdrrtqd onqs7
~.v8/ Nm gxrsdqdrhr ntsots lncd5 cdsdbshnm cheedqdmbd hr u`qh`akd7
~.v9/ Ns hr `kknvdc sn rdkdbs nmd `m`knf ntsots sxod nmkx7
~.v:/ Udrnktshnm2:9998;9993ne lhm7 Ihrok`x hmsdqu`k hr `tsnl`shb`kkx rdkdbsdc cdodmc nm oqdrrtqd tmhsr7
?UV`Y
KfYggifY hmdY
LUhYX dfYggifY fUb[Y
H]b-X]gd`Um ib]h}]bhYfbU` fYgc`ih]cb~
=dd`]WUV`Y Z`i]X
KckYf gidd`m
?iffYbh Wcbgiadh]cb
?cbhfc` cihdih
z97;0K7V z Qhm7 chrok`x q`mfd
Vdkdbs`akd ;7>lr5 >lr5 :99lr5 >99lr5 :999lr
Gthks6hm
=bU`c[
cihdih
.t9/
@]gd`Um aYh\cX
=bU`c[ cihdih hYad-
W\UfUWhYf]gh]W
H[oa_ jl_mmol_
979 sn 6:9:7<jT`
979 sn :9979jT`
9 sn :5999jT`
:jT`2:8;59993
-Qh_og[nc] nsj_ w Fhq5 Rnm6bnqqnrhud f`r
-Gfoc^ nsj_ w Fhq5 Rnm6bnqqnrhud f`r `mc ekthc sg`s vhkk mns bnqqncd VXV<:?P
:;Y6;=YIH z:902Uhookd T6TCQ`w7 :903
Q`w7 >9lF2Fm`knf Htqqdms Stsots sxod Q`w @>lF3
<9 sn A90UM
:7>ll `lokhstcd `s eqdptdmbx ne :9 sn >>My hm d`bg ne [5 \5 ] chqdbshnm enq ; gntqr
Ob]h kY][\h
@]gd`Um dfYggifY fUb[Y
?\UfUWhYf]gh]W cZ Wcbhfc`
cihdih UbX X]gd`Um hYad-
Q`w7 z97>0 K7V7 ne chrok`x oqdrrtqd `s ;>} vhsghm 9} sn >9}
~Q`w7 z:0 K7V7 ne chrok`x oqdrrtqd `s ;>} tmcdq 6:9}
-Qh_og[nc] nsj_ w Fooqnw7 A=f
-Gfoc^ nsj_ w Fooqnw7 >@7>f
Hnmmdbsnq b`akd23=5 >T5 PdmfsgC ;l5 FZL ;=5 Nmrtk`snq ch`ldsdqC 3:3
>79 sn 6:9:7<jT`
6>79 sn ::979jT`
6>9 sn :5:99jT`
LYdYUh Yffcf
LYgdcbgY h]aY
M\cfh W]fWi]h dfchYWh]cb
W[]oog jl_mmol_ nsj_
Qimcncp_ jl_mmol_ nsj_
DmghYfYg]g.t8/
Qhm7 chrok`x q`mfd
HcXY`
.t7/
Digjioh^ jl_mmol_ nsj_
6:9:7<jT` sn :9979jT`
6:9:7<jT` sn ::979jT`
97:jT`2:8;59993
Q`w7 z;0 K7V7 ne chrok`x oqdrrtqd `s ;>} vhsghm 9} sn >9}
=bU`c[ jc`hU[Y cihdih
HUhYf]U`
QTBO3.M/W67D.Q/W3x
=bU`c[ WiffYbh cihdih
Dc`X.=ihc g\]Zh ]bdih
QTBO3.M/67D.Q/W3x
QTBO3.M/7D.Q/W3x
QTBO3.M/D67D.Q/W3x
QTBO3.M/W67D.Q/B3x QTBO3.M/67D.Q/B3x
QTBO3.M/7D.Q/B3x
QTBO3.M/D67D.Q/B3x
QTBO3.M/W67D.Q/I3x QTBO3.M/67D.Q/I3x
QTBO3.M/7D.Q/I3x
QTBO3.M/D67D.Q/I3x
HUl- dfYggifY fUb[Y
; shldr ne q`sdc oqdrrtqd
97:jT`2:8;59993
97:jT`2:8;59993
:7> shldr ne q`sdc oqdrrtqd
Pc`hU[Y cihdih
:999YFH >98?9My enq : lhmtsd
Qhm7 >9Q/2`s >99YIH ldffdq3
@]Y`YWhf]W ghfYb[h\
Ebgi`Uh]cb fYg]ghUbWY
KfchYWh]cb
dfYggifY ib]h
fYgc`ih]cb
=aV]Ybh hYadYfUhifY
MhcfU[Y hYadYfUhifY
MhcfU[Y \ia]X]hm
P]VfUh]cb
=aV]Ybh \ia]X]hm
<9 sn A90UM
6:9} sn 4>9}2`s mnm6cdv rs`str3
6;9} sn 4?9}2`s mnm6eqddyhmf rs`str3
?iffYbh cihdih
; shldr ne q`sdc oqdrrtqd
=ddfcjU`
.C/
Gc\_l
ijnc]
m_hmil
.P/
T_hmil
]ihnliff_l
.F/
Ql_mmol_
m_hmil
.G/
Sin[ls
_h]i^_l
.O/
Ecmjf[s
ohcn
.J/
TTS5
Qiq_l
]ihnliff_l
.Q/
Tqcn]bcha
jiq_l
mojjfs
.E/
Qlircgcns
m_hmil
.R/
Tn_jjcha
ginil -
Elcp_l -
Dihnliff_l
.S/
Hl[jbc]5
Miac]
j[h_f
.N/
U[]bi5
Tj__^5
Qofm_
g_n_l
.M/
Q[h_f
g_n_l
.B/
Qbini
_f_]nlc]
m_hmil
.T/
Gc_f^
h_nqile
^_pc]_
.D/
Eiil5Bl_[
m_hmil
.H/
Dihh_]nil5
Ti]e_n
.I/
U_gj4
]ihnliff_l
.K/
Diohn_l
.L/
Ucg_l
.U/
Qli^o]ncih
mnijj[a_
gi^_fm -
l_jf[]_g_hn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com