Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSLP-36 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # PSLP-36
Description  Amphenol® SurLokTM Compression Lug with Plastic Housing using RADSOK® Technology
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

PSLP-36 Datasheet(HTML) 1 Page - Amphenol Corporation

  PSLP-36 Datasheet HTML 1Page - Amphenol Corporation PSLP-36 Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Data Sheet
Amphenol® SurLokTM Compression Lug with Plastic
Housing using RADSOK® Technology
No. 200-1
FOR POWER DISTRIBUTION APPLICATIONS
The SurLokTM non-environmental compression lug is a field
installable, highly reliable alternative to common compression
lugs. An industry standard U-Indent/Clamshell or 4-indenter
crimp tool may be used to perform the termination on the
wire, thus eliminating the need to purchase special torque
tools.
The head of the pin locks into place once mated to the
RADSOK® connector. The plastic housing snaps over the
connector and acts as a protective cover. The plastic housing
is available for all sizes. This secure connection ensures
voltage and amperage levels will be maintained throughout
the duration of the application.
The RADSOK® high amperage contact technology utilizes
high tensile strength properties of the stamped and formed,
high conductivity alloy grid to produce the low insertion force
while maintaining large conductive surface area.
Features and benefits of Amphenol’s SurLokTM
over other compression lugs:
• High current rating, high ampacity in a smaller package
• High reliability; meets or exceeds the electrical perfor-
mance of bolt-on compression lugs
• Easy field install - crimp with standard color-coded dies (U-
die and 4 indenter). No torque wrenches required.
• Integral locking feature plus locking cap
• RADSOK® technology boosts the ampacity by 50% or more
compared to mil-spec contacts. RADSOK® contacts provide
the advantages of low insertion force and high cycle
durability.
• RoHS compliant
Ideal markets include Medical and Test Equipment,
Process Control, Heavy Equipment and Rail.
Any applications that use high current, frequently plugged &
unplugged cables or a “plug and play” setup would be an
ideal “fit” for the SurLokTM.
For more information:
Amphenol Industrial Operations
Phone: 607-563-5011
Web: www.amphenol-industrial.com
Amphenol
SurLokTM with Plastic Housing
4 Sizes, 7 Ampacities
(see table on back)
Industry Standard Color Coding


Similar Part No. - PSLP-36

ManufacturerPart #DatasheetDescription
logo
NEC
PSLP0E226M NEC-PSLP0E226M Datasheet
170Kb / 8P
PL/L Series
PSLP0G106M NEC-PSLP0G106M Datasheet
170Kb / 8P
PL/L Series
PSLP0G226M NEC-PSLP0G226M Datasheet
170Kb / 8P
PL/L Series
PSLP0J106M NEC-PSLP0J106M Datasheet
170Kb / 8P
PL/L Series
PSLP0J335M NEC-PSLP0J335M Datasheet
170Kb / 8P
PL/L Series
More results

Similar Description - PSLP-36

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C10-642495-241 AMPHENOL-C10-642495-241 Datasheet
1Mb / 2P
Amphenol Industrial RADSOK Products for Printed Circuit Boards
logo
Cree, Inc
LMH020-0850-40F9-00000TW CREE-LMH020-0850-40F9-00000TW Datasheet
575Kb / 2P
Cree® LMH2 LED Module with TrueWhite® Technology
2011
logo
Micron Technology
MTFDKBA400TFS-1BC4ZAB MICRON-MTFDKBA400TFS-1BC4ZAB Datasheet
386Kb / 4P
Micron® 7450 SSD With NVMe®
logo
AAEON Technology
BOXER-6405M AAEON-BOXER-6405M Datasheet
358Kb / 2P
Fanless Compact Embedded Computer with Intel® Celeron®/Pentium® Processor
UP4000 AAEON-UP4000 Datasheet
669Kb / 2P
UP Developer Board with Intel® Celeron® N3350/ Intel® Pentium® N4200/ Intel Atom® x7-E3950 Processor SoC
2022/10/25
UPN-EDGE-EHLCN2-A10-0232 AAEON-UPN-EDGE-EHLCN2-A10-0232 Datasheet
798Kb / 2P
UP Squared 6000 System with Intel® Atom® x6000E Pentium® Celeron® Processor SoC
2022/11/01
VPC-3350S AAEON-VPC-3350S Datasheet
576Kb / 2P
Multi-PoE & Fanless Appliance with Intel® Pentium®/ Celeron®/ Atom® Processor
2023/04/28
logo
Multi-Tech Systems, Inc...
86002211 MULTITECH-86002211 Datasheet
554Kb / 4P
Access Point for LoRa® Technology
2022-06
86002212 MULTITECH-86002212 Datasheet
626Kb / 4P
Access Point for LoRa® Technology
2022-06
logo
Broadcom Corporation.
BCM56850 BOARDCOM-BCM56850 Datasheet
932Kb / 2P
StrataXGS® Trident II Switching Technology
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com