Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LC1CPV-R1/8 Datasheet(PDF) 6 Page - Autonics Corporation

Part # PSAN-LC1CPV-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LC1CPV-R1/8 Datasheet(HTML) 6 Page - Autonics Corporation

Back Button PSAN-LC1CPV-R1/8 Datasheet HTML 2Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 3Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 4Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 9Page - Autonics Corporation PSAN-LC1CPV-R1/8 Datasheet HTML 10Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
A,5
Ql_mmol_ T_hmil
Ql_mmol_ ohcn
m_nncha
Ponjon m_nncha
S_mjihm_ ncg_
m_nncha
SVO gi^_
KfYgg
_Ym
`mc oqduhntrkx rds tmhs vhkk ek`rg hm stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rdkdbs sgd tmhs7
2Tqdrr
jdx enq : rdb sn r`ud rdkdbsdc tmhs `mc lnud sn mdws lncd73
}Ob]h9 ag~
`mc oqduhntrkx rds ntsots nodq`shnm lncd vhkk ek`rg hm stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rdkdbs qdronmrd shld7
2Tqdrr
jdx enq : rdb7 sn r`ud rdkdbsdc qdronmrd shld `mc lnud sn mdws lncd73
YSOX
YSOX
:7 Ns hr `akd sn rds oqdrrtqd tmhs5 chrok`x qdrnktshnm5 ntsots nodq`shnm lncd5 ntsots sxod5 qdronmrd shld5 `m`knf
ntsots rb`kd5 Mnkc8Ftsn rghes `mc jdx knbj rdsshmf hm o`q`ldsdq rdsshmf lncd7
;7 Ne sgd jdx knbj hr rds 2knbj: nq knbj;35 tmknbj sgd jdx knbj adenqd rdsshmf o`q`ldsdqr7
2Udedq sn Odx Pnbj rdsshmf adknv73
YSOX
YSOX
`mc oqduhntrkx rds ntsots nodq`shnm lncd vhkk ek`rg hm stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rdkdbs ntsots sxod7
2Tqdrr
jdx enq : rdb7 sn r`ud rdkdbsdc ntsots sxod `mc lnud sn mdws lncd73
S_SI
S_SI
BTCT
BTCT
BTCI
BTCI
BICT
BICT
BICI
BICI
Ponjon ij_l[ncih
gi^_ m_nncha
`mc oqduhntrkx rds ntsots nodq`shnm lncd vhkk ek`rg hm stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rdkdbs ntsots nodq`shnm lncd7
2Tqdrr
jdx enq : rdb7 sn r`ud rdkdbsdc ntsots nodq`shnm lncd `mc lnud sn mdws lncd73
TYaR
TYaR
N\`R
N\`R
[OS
[OS
N\?[
N\?[
GYXT
GYXT
]TYX
]TYX
WUJ
WUJ
C@F
C@F
F@A
F@A
BAA
BAA
FAA
FAA
BAAA
BAAA
TYaR
TYaR
S_SI
S_SI
WUJ
WUJ
KfYgg
_Ym
KfYgg
_Ym
KfYgg
_Ym
+Tnrhshud oqdrrtqdC
}_[Z.Wa ~
}_KU~
}VUf~}dg]~
1
}_KU~
}_[Z.Wa ~
}VUf~
}dg]~
}aaD[~
}]bD[~
1
}aaD1J~
sBcf ig]b[ aaD1J ib]h+
ai`h]d`m X]gd`Um jU`iY Vm 0//-
PUG
PUG
PML
PML
HGV
HGV
UWO
UWO
RRNM
RRNM
OSNM
OSNM
NCT
NCT
PUG
PUG
PML
PML
HGV
HGV
UWO
UWO
+Y`bttl oqdrrtqd5 bnlontmc oqdrrtqdC
uS_`_l ni F377 j[a_4
KfYgg
_Ym
cjYf 2gYW-
KfYgg
_Ym
cjYf 2gYW-
7
8
b
KfYgg cjYf 0gYW-
Ne dwdbtshmf ydqn6onhms `citrsldms
vgdm dwsdqm`k oqdrrtqd g`r addm
`ookhdc5
vhkk ek`rg7
Tkd`rd dwdbtsd ydqn6onhms `citrsldms
`f`hm hm rs`sd ne `slnrogdqhb oqdrrtqd
vhsgnts dwsdqm`k oqdrrtqd7
:7 Nm rs`sd ne `slnrogdqhb oqdrrtqd ctqhmf UXR lncd5
oqdrr
jdx `mc
jdx `s sgd r`ld shld enq nudq :rdb7
;7 Zgdm sgd ydqn6onhms `citrsldms hr bnlokdsdc5 hs vhkk chrok`x
`mc qdstqm sn UXR lncd `tsnl`shb`kkx7
~Tkd`rd dwdbtsd ydqn6onhms `citrsldms qdftk`qkx7
uS_`_l ni F376 j[a_4
yQ[l[g_n_l m_nncha
yZ_li3jichn [^domng_hn
.C/
Gc\_l
ijnc]
m_hmil
.P/
T_hmil
]ihnliff_l
.F/
Ql_mmol_
m_hmil
.G/
Sin[ls
_h]i^_l
.O/
Ecmjf[s
ohcn
.J/
TTS5
Qiq_l
]ihnliff_l
.Q/
Tqcn]bcha
jiq_l
mojjfs
.E/
Qlircgcns
m_hmil
.R/
Tn_jjcha
ginil -
Elcp_l -
Dihnliff_l
.S/
Hl[jbc]5
Miac]
j[h_f
.N/
U[]bi5
Tj__^5
Qofm_
g_n_l
.M/
Q[h_f
g_n_l
.B/
Qbini
_f_]nlc]
m_hmil
.T/
Gc_f^
h_nqile
^_pc]_
.D/
Eiil5Bl_[
m_hmil
.H/
Dihh_]nil5
Ti]e_n
.I/
U_gj4
]ihnliff_l
.K/
Diohn_l
.L/
Ucg_l
.U/
Qli^o]ncih
mnijj[a_
gi^_fm -
l_jf[]_g_hn



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com