Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13876521 Datasheet(PDF) 1 Page - Aptiv

Part # 13876521
Description  SICMA SensoMate™ SERIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APTIV [Aptiv]
Direct Link  https://www.aptiv.com/en
Logo APTIV - Aptiv

13876521 Datasheet(HTML) 1 Page - Aptiv

  13876521 Datasheet HTML 1Page - Aptiv 13876521 Datasheet HTML 2Page - Aptiv  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
aptiv.com | © 2019 Aptiv. All rights reserved
About Aptiv
Aptiv is a global technology company that
develops safer, greener and more connected
solutions enabling the future of mobility.
Headquartered in Dublin, Aptiv has approximately
150,000 employees and operates 14 technical
centers, as well as manufacturing sites and
customer support centers in 45 countries.
Visit
aptiv.com
SICMA SensoMate™ SERIES
SICMA SensoMate™ 6W
Female & Male
BENEFITS
• High performance connector featuring T4 / V3
performance
• Back shell covers available
FEATURES
• Suitable for harsh environment
• CPA is pre-mounted
• Compatible with Mini-Sealed family
AVAILABLE CONFIGURATIONS
APPLICATIONS
Cavity Count (ways)
4, 5, 6
Cavity Configurations (mm)
1.5
Material
PBT
Genders
Female, Male
Sealing Type
Mat Sealed
Sensors and actuators on engine mount
Air filter and pressure devices
See back page for representative part numbers and packaging dimensions.
+150°C
-40°C
TEMPERATURE
IP68
IPX9K
SEALING
PROTECTION
CONNECTOR
MATING FORCE
VIBRATION
25 G
< 60 N


Similar Part No. - 13876521

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1387606 PHOENIX-1387606 Datasheet
228Kb / 7P
NBC-R4ACS-R4ACS-IE8A/.../... - Patch cable
1387607 PHOENIX-1387607 Datasheet
181Kb / 4P
Patch cable - NBC-R4ACS-IE8A/.../...
More results

Similar Description - 13876521

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98438-1001 MOLEX-98438-1001 Datasheet
136Kb / 2P
NSCC/SICMA Female Wire-to-Board Housing
98438-1001 MOLEX11-98438-1001 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1002 MOLEX11-98438-1002 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1003 MOLEX11-98438-1003 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1004 MOLEX11-98438-1004 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1005 MOLEX11-98438-1005 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
98438-1006 MOLEX11-98438-1006 Datasheet
61Kb / 1P
5.00mm Pitch NSCC/SICMA Female Wire-to-Board Housing, for 2.80mm Tab, with
0988161110 MOLEX1-0988161110 Datasheet
59Kb / 1P
SICMA Rcpt Conn Unseald W/ Wht 1.5 10Ckt
logo
Texas Instruments
LAUNCHXL-F280049C TI-LAUNCHXL-F280049C Datasheet
4Mb / 28P
C2000™ Piccolo™ F28004x Series LaunchPad™ Development Kit
June 2018-Revised April 2020
logo
List of Unclassifed Man...
211CC2S2120 ETC-211CC2S2120 Datasheet
144Kb / 1P
SIcma 3 1.5x0.8 FEMALE TERMINAL
23/07/03
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com