Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSAN-LV01CPA-R1/8 Datasheet(PDF) 7 Page - Autonics Corporation

Part # PSAN-LV01CPA-R1/8
Description  Small size, 1/2,000 resolution connector type digital pressure sensor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUTONICS [Autonics Corporation]
Direct Link  https://www.autonics.com/
Logo AUTONICS - Autonics Corporation

PSAN-LV01CPA-R1/8 Datasheet(HTML) 7 Page - Autonics Corporation

Back Button PSAN-LV01CPA-R1/8 Datasheet HTML 3Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 4Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 5Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 6Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 7Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 8Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 9Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 10Page - Autonics Corporation PSAN-LV01CPA-R1/8 Datasheet HTML 11Page - Autonics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
QTBO T_lc_m
A,6
L_s Mi]e
2unks`fd ntsots38
2btqqdms ntsots3`mc oqduhntrkx rds oqdrrtqd u`ktd vhkk ek`rg hm
stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rds `m`knf ntsots rb`kd u`ktd enq :Y `mc =lF7
Vdsshmf q`mfdC Qhm7q`sdc oqdrrtqd |
5
| B90 ne q`sdc oqdrrtqd
2Tqdrr
jdx enq : rdb sn r`ud rdkdbsdc oqdrrtqd u`ktd `r ` rb`kd u`ktd enq :Y `mc =lF `mc
lnud sn mdws lncd73
Bh[fia ionjon
m][f_ m_nncha 7W
Bh[fia ionjon
m][f_ m_nncha ;W
G?BZ
G?BZ
G?AE
G?AE
G?BZ
G?BZ
G?AE
G?AE
2unks`fd ntsots38
2btqqdms ntsots3`mc oqduhntrkx rds oqdrrtqd u`ktd vhkk ek`rg hm
stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rds `m`knf ntsots rb`kd u`ktd enq >Y `mc ;9lF7
Vdsshmf q`mfdC
5
4:90 ne q`sdc oqdrrtqd |
5
| Q`w7 q`sdc oqdrrtqd
2Tqdrr
jdx enq : rdb sn r`ud rdkdbsdc oqdrrtqd u`ktd `r ` rb`kd u`ktd enq >Y `mc ;9lF `mc
lnud sn mdws lncd73
G?WZ
G?WZ
G?CA
G?CA
G?WZ
G?WZ
G?CA
G?CA
G?BZ
G?BZ
G?AE
G?AE
vhkk ek`rg hm stqm vhsg oqduhntr rdsshmf o`q`ldsdq7
Tqdrr
nq
jdx sn rdkdbs jdx knbj rdsshmf7
2Tqdrr
jdx enq : rdb7 sn r`ud rdkdbsdc knbj rdsshmf7 Wgdm5 hs vhkk ad qdstqmdc sn oqdrrtqd tmhs
rdsshmf lncd73
QTIP
QTIP
`mc oqduhntrkx rds bnmsqnk etmbshnm vhkk ek`rg hm stqm dudqx 97> rdb7
Tqdrr
nq
jdx sn rdkdbs dwsdqm`k etmbshnm7
2Tqdrr
jdx enq : rdb sn r`ud rdkdbsdc etmbshnm `mc lnud sn mdws lncd73
J?OS
J?OS
G?WZ
G?WZ
G?BZ
G?BZ
QTIP
QTIP
KfYgg
_Ym
KfYgg
_Ym
KfYgg
_Ym
NTQJ
NTQJ
WNLX
WNLX
TYXB
TYXB
TYXC
TYXC
GQQ
GQQ
+Vdkdbs dwsdqm`k hmots etmbshnmC +Vdkdbs sgd bnmsqnk ntsots enq Ftsn rghes etmbshnm hm b`rd ne
rdkdbshmf Ftsn rghes etmbshnmC
Bh[fia ionjon
m][f_ m_nncha :gB
Bh[fia ionjon
m][f_ m_nncha 86gB
G?CA
G?CA
G?AE
G?AE
KfYgg
_Ym
T_f_]n ]ihnlif `oh]ncih
T_f_]n Boni Tbc`n Ponjon
W^TX
W^TX
J?OS
J?OS
KfYgg
_Ym
KfYgg
_Ym
KfYgg
_Ym
Bh[fia pifn[a_ ionjon nsj_
Bh[fia ]oll_hn ionjon nsj_
Iif^5Boni mbc`n chjon nsj_
~Zgdm oqdrrhmf
jdx enq < rdb7 hm sgd lhcckd ne o`q`ldsdq rdsshmf5 btqqdms rdsshmf u`ktd vhkk ad r`udc hm JJTUSQ `mc
hs vhkk ad qdstqmdc sn UXR lncd7
~Fkk rdsshmfr `qd r`udc hm JJTUSQ qdf`qckdrr ne onvdq e`hktqd7 Q`jd rtqd sg`s JJTUSQ g`r ` khlhsdc vqhsd khed bxbkd
2:995999 shldr37
QTIB
QTIB
QTIC
QTIC
TLL
TLL
wIsmn_l_mcm gi^_.N\W@R/
WXB UbX dfYj]cig`m
gYh jU`iY k]`` Z`Ug\
]b hifb YjYfm /-4 gYW-
KfYgg
_Ym Zcf
2gYW ]b LOI
acXY-
SVO gi^_
KfYgg
_Ym
KfYgg
cf
_Ym
hc gY`YWh WXB
gYhh]b[ jU`iY-
N\WB UbX dfYj]cig`m
gYh jU`iY k]`` Z`Ug\
]b hifb YjYfm /-4 gYW-
N\WC UbX dfYj]cig`m
gYh jU`iY k]`` Z`Ug\
]b hifb YjYfm /-4 gYW-
WXC UbX dfYj]cig`m
gYh jU`iY k]`` Z`Ug\
]b hifb YjYfm /-4 gYW-
KfYgg
cf
_Ym hc gY`YWh N\WB
gYhh]b[ jU`iY-
KfYgg
cf
_Ym hc gY`YWh WXC
gYhh]b[ jU`iY-
KfYgg
cf
_Ym hc gY`YWh N\WC
gYhh]b[ jU`iY-
sWXB gYhh]b[ fUb[Y 9 H]b- X]gd`Um dfYggifY x WXB q HUl- X]gd`Um dfYggifY
sN\WB gYhh]b[ fUb[Y 9 H]b- X]gd`Um dfYggifY xN\WB q WXB
sWXC gYhh]b[ fUb[Y 9 H]b- X]gd`Um dfYggifY x WXC q HUl- X]gd`Um dfYggifY
sN\WC gYhh]b[ fUb[Y 9 H]b- X]gd`Um dfYggifY xN\WCq WXC
v7
v7
v9
v8
v8
v74
v84
v94
KfYgg
_Ym
KfYgg
_Ym
KfYgg
_Ym
KfYgg
_Ym
+Bh[fia ionjon m][f_ m_nncha
+Iif^5Boni mbc`n chjon m_nncha
yQl_m_n m_nncha



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com